Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DF005S Fiches technique(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce DF005S
Description  SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

DF005S Fiches technique(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  DF005S Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited DF005S Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DF005S---DF10S
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop high current capability.
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
Lead Pb/Sn copper
The plastic material has UL flammability classification
94V-0
UL recognized file
MECHANICAL DATA
Polarity :As marked on Body
Weight : 0.02 ounces, 0.38 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
DF-S
A
C
D
E
F
G
H
B
J
I
All Dimensions in millimeter
DF-S
DIM.
MIN.
MAX.
A
C
D
E
F
G
H
B
8.20
8.50
6.50
6.20
10.30
7.90
7.40
2.40
2.60
5.00
5.20
1.14
0.22
.330
J
I
.076
1.53
1.02
DF10S
DF08S
DF06S
DF04S
DF02S
DF005S
DF01S
CHARACTERISTICS
SYMBOL
1000
700
1000
800
560
800
600
420
600
400
280
400
200
140
200
50
35
50
100
70
100
VRMS
VDC
VRRM
IF(AV)
IFSM
V
F
@TA
=40 C
Maximum Average Forward
Rectified Current
Peak Forward Surge Current
8.3ms single half sine-wave
superimposed on rated load (JEDEC METHOD)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum forward Voltage at 1.0A DC
1.0
50
1.1
TJ
Operating Temperature Range
-55 to +150
C
TSTG
Storage Temperature Range
-55 to +150
C
Typical Thermal Resistance (Note 2)
R0JA
40
C/W
IR
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ =125 C
@TJ =25 C
10
500
µ A
V
A
A
V
UNIT
V
V
10.4
A S
2
I t
2
I t Rating for fusing (t < 8.3ms)
2
CJ
25
pF
Typical Junction
Capacitance per element (Note 1)
NOTES : 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Thermal resistance from junction to ambient mounted on P.C.B
with 0.5x0.5"(13x13mm) copper pads.
0.30
SURFACE MOUNT
GLASS PASSIVATED BRIDGE RECTIFIERS
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.0 Amperes
www.galaxycn.com
BL GALAXY ELECTRICAL
Document Number 0287083
1
BLGALAXYELECTRICAL


Numéro de pièce similaire - DF005S

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
DF005S WTE-DF005S Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Thinki Semiconductor Co...
DF005S THINKISEMI-DF005S Datasheet
660Kb / 2P
   1.0 Ampere Surface Mount Glass Passivated Bridge Rectifier
logo
International Rectifier
DF005S IRF-DF005S Datasheet
67Kb / 4P
   1A Single Phase D.I.L. Rectifier Bridge (1.0A, from 50 to 1000V)
logo
Diode Semiconductor Kor...
DF005S DSK-DF005S Datasheet
132Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
DF005S CHENG-YI-DF005S Datasheet
111Kb / 2P
   SINGLE-PHASE GLASS BRIDGE
More results

Description similaire - DF005S

FabricantNo de pièceFiches techniqueDescription
logo
HY ELECTRONIC CORP.
MSB20A HY-MSB20A Datasheet
154Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Weitron Technology
DF005S WEITRON-DF005S Datasheet
295Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
DF15005S WEITRON-DF15005S Datasheet
281Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
logo
HY ELECTRONIC CORP.
B05S HY-B05S Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
DF005S HY-DF005S Datasheet
38Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
B05SA HY-B05SA Datasheet
164Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
DF2005S HY-DF2005S_17 Datasheet
147Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
DB201S HY-DB201S_17 Datasheet
147Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
DB101S HY-DB101S_17 Datasheet
142Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
FABS205 HY-FABS205 Datasheet
326Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
DF15005S HY-DF15005S_V01 Datasheet
371Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com