Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL3298EFRTZ-T Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL3298EFRTZ-T
Description  짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3298EFRTZ-T Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL3298EFRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL3298EFRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL3298EFRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL3298EFRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL3298EFRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL3298EFRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL3298EFRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL3298EFRTZ-T Datasheet HTML 10Page - Intersil Corporation ISL3298EFRTZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
FN6544.0
September 19, 2007
DRIVER SWITCHING CHARACTERISTICS (ISL3294E, ISL3297E, 500kbps)
Maximum Data Rate
fMAX
VOD = ±1.5V, CD = 820pF (Figure 4)
Full
500
-
-
kbps
Driver Single Ended Output
Delay
tSD
RDIFF = 54Ω, CD = 50pF (Figure 2)
Full
200
340
500
ns
Part-to-Part Output Delay Skew
tSKPP
RDIFF = 54Ω, CD = 50pF (Figure 2, Note 9)
Full
-
-
300
ns
Driver Single Ended Output
Skew
tSSK
RDIFF = 54Ω, CD = 50pF (Figure 2)
Full
-
30, 80
150
ns
Driver Differential Output Delay
tDD
RDIFF = 54Ω, CD = 50pF (Figure 2)
Full
200
345
500
ns
Driver Differential Output Skew
tDSK
RDIFF = 54Ω, CD = 50pF (Figure 2)
Full
-
2
30
ns
Driver Differential Rise or Fall
Time
tR, tF
RDIFF = 54Ω, CD = 50pF (Figure 2)
Full
200
350
800
ns
Driver Enable to Output High
tZH
RL = 500Ω, CL = 50pF, SW = GND (Figure 3)
Full
-
100, 60
250
ns
Driver Enable to Output Low
tZL
RL = 500Ω, CL = 50pF, SW = VCC (Figure 3)
Full
-
60, 35
250
ns
Driver Disable from Output
High
tHZ
RL = 500Ω, CL = 50pF, SW = GND (Figure 3)
Full
-
30, 22
60
ns
Driver Disable from Output Low
tLZ
RL = 500Ω, CL = 50pF, SW = VCC (Figure 3)
Full
-
25, 20
60
ns
DRIVER SWITCHING CHARACTERISTICS (ISL3295E, ISL3298E, 20Mbps)
Maximum Data Rate
fMAX
VOD = ±1.5V, CD = 360pF (Figure 4)
Full
20
-
-
Mbps
Driver Single Ended Output
Delay
tSD
RDIFF = 54Ω,
CD = 50pF (Figure 2)
VL = VCC
Full
15
29, 23
42
ns
VL ≥ 1.8V
25
-
32
-
ns
VL = 1.5V
25
-
36
-
ns
VL = 1.35V
25
-
40
-
ns
Part-to-Part Output Delay Skew
tSKPP
RDIFF = 54Ω, CD = 50pF (Figure 2, Note 9)
Full
-
-
25
ns
Driver Single Ended Output
Skew
tSSK
RDIFF = 54Ω,
CD = 50pF (Figure 2)
VL = VCC
Full
-
3
7
ns
VL ≥ 1.8V
25
-
3
-
ns
VL = 1.5V
25
-
4
-
ns
VL = 1.35V
25
-
5
-
ns
Driver Differential Output Delay
tDD
RDIFF = 54Ω,
CD = 50pF (Figure 2)
VL = VCC
Full
-
29, 22
42
ns
VL ≥ 1.8V
25
-
32
-
ns
VL = 1.5V
25
-
36
-
ns
VL = 1.35V
25
-
42
-
ns
Driver Differential Output Skew
tDSK
RDIFF = 54Ω,
CD = 50pF (Figure 2)
VL = VCC ≤ 3.6V
Full
-
0.5
3
ns
VL = VCC = 5V
25
-
2
-
ns
VL ≥ 1.8V
25
-
0.5, 1
-
ns
VL ≥ 1.5V
25
-
1, 2
-
ns
VL = 1.35V
25
-
2, 4
-
ns
Driver Differential Rise or Fall
Time
tR, tF
RDIFF = 54Ω,
CD = 50pF (Figure 2)
VL = VCC
Full
-
9
15
ns
VL ≥ 1.35V
25
-
9
-
ns
Driver Enable to Output High
tZH
RL = 500Ω, CL = 50pF, SW = GND (Figure 3)
Full
-
100, 60
250
ns
Driver Enable to Output Low
tZL
RL = 500Ω, CL = 50pF, SW = VCC (Figure 3)
Full
-
60, 35
250
ns
Electrical Specifications
Test Conditions: VCC = 3.0V to 5.5V; VL = VCC (ISL3296E, ISL3297E, ISL3298E only); Typicals are at
TA =+25°C; Unless Otherwise Specified. (Note 7) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 11)
TYP
(Note 13)
MAX
(Note 11)
UNITS
ISL3293E, ISL3294E, ISL3295E, ISL3296E, ISL3297E, ISL3298E


Numéro de pièce similaire - ISL3298EFRTZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL3298EFRTZ-T RENESAS-ISL3298EFRTZ-T Datasheet
986Kb / 17P
   High node count systems
More results

Description similaire - ISL3298EFRTZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
ISL32172E INTERSIL-ISL32172E Datasheet
1Mb / 20P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
   16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
logo
Intersil Corporation
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com