Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL60002CIH312Z-TK Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL60002CIH312Z-TK
Description  Precision Low Power FGA??Voltage References
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60002CIH312Z-TK Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL60002CIH312Z-TK Datasheet HTML 1Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 2Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 3Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 4Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 5Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 6Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 7Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 8Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
FN8082.13
December 17, 2007
ISL60002BIH330Z-TK* (Note)
DFI
3.000
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free) P3.064
ISL60002CIH330Z-TK* (Note)
DFJ
3.000
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free) P3.064
ISL60002DIH330Z-TK* (Note)
DFH
3.000
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free) P3.064
ISL60002BAH333Z-TK* (Note) AOP
3.300
±1.0mV, 20ppm/°C
-40 to +105
3 Ld SOT-23 (Pb-free) P3.064
ISL60002CAH333Z-TK* (Note) AOU
3.300
±2.5mV, 20ppm/°C
-40 to +105
3 Ld SOT-23 (Pb-free) P3.064
ISL60002DAH333Z-TK* (Note) APC
3.300
±5.0mV, 20ppm/°C
-40 to +105
3 Ld SOT-23 (Pb-free) P3.064
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100%
matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
Ordering Information (Continued)
PART NUMBER
PART
MARKING
(Bottom)
VOUT (V)
GRADE
TEMP.
RANGE (°C)
PACKAGE
Tape & Reel
PKG. DWG. #
ISL60002


Numéro de pièce similaire - ISL60002CIH312Z-TK

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL60002CIH312Z-TK INTERSIL-ISL60002CIH312Z-TK Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002CIH312Z-TK INTERSIL-ISL60002CIH312Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002CIH312Z-TK INTERSIL-ISL60002CIH312Z-TK Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002CIH312Z-TK INTERSIL-ISL60002CIH312Z-TK Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002CIH312Z-TK RENESAS-ISL60002CIH312Z-TK Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
More results

Description similaire - ISL60002CIH312Z-TK

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com