Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4040AIZ-3.0 Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM4040AIZ-3.0
Description  Precision Micropower Shunt Voltage Reference
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4040AIZ-3.0 Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  LM4040AIZ-3.0 Datasheet HTML 1Page - National Semiconductor (TI) LM4040AIZ-3.0 Datasheet HTML 2Page - National Semiconductor (TI) LM4040AIZ-3.0 Datasheet HTML 3Page - National Semiconductor (TI) LM4040AIZ-3.0 Datasheet HTML 4Page - National Semiconductor (TI) LM4040AIZ-3.0 Datasheet HTML 5Page - National Semiconductor (TI) LM4040AIZ-3.0 Datasheet HTML 6Page - National Semiconductor (TI) LM4040AIZ-3.0 Datasheet HTML 7Page - National Semiconductor (TI) LM4040AIZ-3.0 Datasheet HTML 8Page - National Semiconductor (TI) LM4040AIZ-3.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Reverse Current
20 mA
Forward Current
10 mA
Power Dissipation (T
A = 25˚C) (Note 2)
M3 Package
306 mW
Z Package
550 mW
M7 Package
241 mW
Storage Temperature
−65˚C to +150˚C
Lead Temperature
M3 Package
Vapor phase (60 seconds)
+215˚C
Infrared (15 seconds)
+220˚C
Z Package
Soldering (10 seconds)
+260˚C
ESD Susceptibility
Human Body Model (Note 3)
2 kV
Machine Model (Note 3)
200V
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
Operating Ratings(Notes 1, 2)
Temperature Range
(T
min
≤ T
A
≤ T
max)
Industrial Temperature Range
−40˚C
≤ T
A
≤ +85˚C
Extended Temperature Range
−40˚C
≤ T
A
+125˚C
Reverse Current
LM4040-2.0
60 µA to 15 mA
LM4040-2.5
60 µA to 15 mA
LM4040-3.0
62 µA to 15 mA
LM4040-4.1
68 µA to 15 mA
LM4040-5.0
74 µA to 15 mA
LM4040-8.2
91 µA to 15 mA
LM4040-10.0
100 µA to 15 mA
LM4040-2.0
Electrical Characteristics (Industrial Temperature Range)
Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. The grades A and B designate initial Re-
verse Breakdown Voltage tolerances of ±0.1% and ±0.2%, respectively.
Symbol
Parameter
Conditions
Typical
(Note 4)
LM4040AIM3
LM4040AIZ
(Limit)
(Note 5)
LM4040BIM3
LM4040BIZ
LM4040BIM7
(Limit)
(Note 5)
Units
(Limit)
V
R
Reverse Breakdown Voltage
I
R = 100 µA
2.048
V
Reverse Breakdown Voltage
Tolerance
(Note 6)
I
R = 100 µA
±2.0
±4.1
mV (max)
±15
±17
mV (max)
I
RMIN
Minimum Operating Current
45
µA
60
60
µA (max)
65
65
µA (max)
∆V
R/
∆T Average Reverse Breakdown
Voltage Temperature
Coefficient
(Note 6)
I
R =10 mA
±20
ppm/˚C
I
R =1 mA
±15
±100
±100
ppm/˚C (max)
I
R = 100 µA
±15
ppm/˚C
∆V
R/
∆I
R
Reverse Breakdown Voltage
Change with Operating
Current Change (Note *NO
TARGET FOR *)
I
RMIN
≤ I
R
≤ 1 mA
0.3
mV
0.8
0.8
mV (max)
1.0
1.0
mV (max)
1mA
≤ I
R
≤ 15 mA
2.5
mV
6.0
6.0
mV (max)
8.0
8.0
mV (max)
Z
R
Reverse Dynamic
Impedance
I
R = 1 mA, f = 120 Hz,
I
AC = 0.1 IR
0.3
0.8
0.8
Ω (max)
e
N
Wideband Noise
I
R = 100 µA
35
µV
rms
10 Hz
≤ f ≤ 10 kHz
www.national.com
5


Numéro de pièce similaire - LM4040AIZ-3.0

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4040AIZ-3.0 NSC-LM4040AIZ-3.0 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
More results

Description similaire - LM4040AIZ-3.0

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com