Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

W312-02 Fiches technique(PDF) 5 Page - SpectraLinear Inc

No de pièce W312-02
Description  FTG for VIA™ K7 Series Chipset with Programmable Output Frequency
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPECTRALINEAR [SpectraLinear Inc]
Site Internet  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W312-02 Fiches technique(HTML) 5 Page - SpectraLinear Inc

  W312-02 Datasheet HTML 1Page - SpectraLinear Inc W312-02 Datasheet HTML 2Page - SpectraLinear Inc W312-02 Datasheet HTML 3Page - SpectraLinear Inc W312-02 Datasheet HTML 4Page - SpectraLinear Inc W312-02 Datasheet HTML 5Page - SpectraLinear Inc W312-02 Datasheet HTML 6Page - SpectraLinear Inc W312-02 Datasheet HTML 7Page - SpectraLinear Inc W312-02 Datasheet HTML 8Page - SpectraLinear Inc W312-02 Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
W312-02
Rev 1.0, November 27, 2006
Page 5 of 19
Table 3. Word Read and Word Write Protocol
Word Write Protocol
Word Read Protocol
Bit
Description
Bit
Description
1Start
1Start
2:8
Slave address – 7 bits (D2)
2:8
Slave address – 7 bits (D3)
9Write
9Write
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code – 8 bits
‘1xxxxxxx’ stands for byte or word operation
bit[6:0] of the command code represents the
offset of the byte to be accessed
11:18
Command Code – 8 bits
‘1xxxxxxx’ stands for byte or word operation
bit[6:0] of the command code represents the
offset of the byte to be accessed
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Data byte low – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29:36
Data byte high – 8 bits
28
Read
37
Acknowledge from slave
29
Acknowledge from slave
38
Stop
30:37
Data byte low from slave – 8 bits
38
Acknowledge
39:46
Data byte high from slave – 8 bits
47
NOT acknowledge
48
Stop
Table 4. Byte Read and Byte Write Protocol
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
1Start
1Start
2:8
Slave address – 7 bits
2:8
Slave address – 7 bits
9Write
9Write
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code – 8 bits
‘1xxxxxxx’ stands for byte operation
bit[6:0] of the command code represents the
offset of the byte to be accessed
11:18
Command Code – 8 bits
‘1xxxxxxx’ stands for byte operation
bit[6:0] of the command code represents the
offset of the byte to be accessed
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Data byte – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29
Stop
28
Read
29
Acknowledge from slave
30:37
Data byte from slave – 8 bits
38
Not Acknowledge
39
Stop


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
CY28312B-2 FTG for VIA™ K7 Series Chipset with Programmable Output Frequency 1  2  3  4  5  More SpectraLinear Inc
W311 FTG for VIA™ Pro-266 DDR Chipset 1  2  3  4  5  More SpectraLinear Inc
CY28378 FTG for Pentium 4® and Intel® 845 Series Chipset 1  2  3  4  5  More SpectraLinear Inc
CX74063-26 RF Transceiver for Multi-Band GSM GPRS and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output 1  2  3  4  5  More Skyworks Solutions Inc.
C9329 Photosensor amplifier Digital output function current-to-voltage conversion amplifier for amplifying very slight photocurrent with low noise 1  2  3  Hamamatsu Corporation
ISL6423B Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1  2  3  4  5  More Intersil Corporation
W305B Frequency Controller with System Recovery for Intel Integrated Core Logic 1  2  3  4  5  More SpectraLinear Inc
RT9232 PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V/2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER AND REFERENCE OUTPUT 1  2  3  4  5  More Richtek Technology Corporation
W210H Spread Spectrum FTG for VIA K7 Chipset 1  2  3  4  5  More Cypress Semiconductor
SY89538L_06 3.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer with Zero Delay 1  2  3  4  5  More Micrel Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn