Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8073JR-REEL7 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD8073JR-REEL7
Description  Low Cost, Dual/Triple Video Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8073JR-REEL7 Fiches technique(HTML) 1 Page - Analog Devices

  AD8073JR-REEL7 Datasheet HTML 1Page - Analog Devices AD8073JR-REEL7 Datasheet HTML 2Page - Analog Devices AD8073JR-REEL7 Datasheet HTML 3Page - Analog Devices AD8073JR-REEL7 Datasheet HTML 4Page - Analog Devices AD8073JR-REEL7 Datasheet HTML 5Page - Analog Devices AD8073JR-REEL7 Datasheet HTML 6Page - Analog Devices AD8073JR-REEL7 Datasheet HTML 7Page - Analog Devices AD8073JR-REEL7 Datasheet HTML 8Page - Analog Devices AD8073JR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD8072/AD8073
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Low Cost, Dual/Triple
Video Amplifiers
PIN CONFIGURATIONS
8-Lead Plastic (N), SOIC (R), and
SOIC (RM) Packages
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
OUT1
–IN1
+IN1
–VS
+VS
OUT2
–IN2
+IN2
AD8072
14-Lead Plastic (N), and SOIC (R) Packages
TOP VIEW
(Not to Scale)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
NC = NO CONNECT
NC
NC
+VS
+IN1
–IN1
OUT1
OUT2
–IN2
+IN2
–VS
+IN3
–IN3
OUT3
NC
AD8073
FEATURES
Very Low Cost
Good Video Specifications (RL = 150
)
Gain Flatness of 0.1 dB to 10 MHz
0.05% Differential Gain Error
0.1 Differential Phase Error
Low Power
3.5 mA/Amplifier Supply Current
Operates on Single 5 V to 12 V Supply
High Speed
100 MHz, –3 dB Bandwidth (G = +2)
500 V/ s Slew Rate
Fast Settling Time of 25 ns (0.1%)
Easy to Use
30 mA Output Current
Output Swing to 1.3 V of Rails on Single 5 V Supply
APPLICATIONS
Video Line Driver
Computer Video Plug-In Boards
RGB or S-Video Amplifier in Component Systems
PRODUCT DESCRIPTION
The AD8072 (dual) and AD8073 (triple) are low cost, current
feedback amplifiers intended for high volume, cost sensitive
applications. In addition to being low cost, these amplifiers
deliver solid video performance into a 150
Ω load while consuming
only 3.5 mA per amplifier of supply current. Furthermore, the
AD8073 is three amplifiers in a single 14-lead narrow-body
SOIC package. This makes it ideal for applications where small
size is essential. Each amplifier’s inputs and output are acces-
sible providing added gain setting flexibility.
These devices provide 30 mA of output current per amplifier,
and are optimized for driving one back terminated video load
(150
Ω) each. These current feedback amplifiers feature gain
flatness of 0.1 dB to 10 MHz while offering differential gain and
phase error of 0.05% and 0.1
°. This makes the AD8072 and
AD8073 ideal for business and consumer video electronics.
Both will operate from a single 5 V to 12 V power supply. The
outputs of each amplifier swing to within 1.3 volts of either sup-
ply rail to accommodate video signals on a single 5 V supply.
The high bandwidth of 100 MHz, 500 V/
µs of slew rate, along
with settling to 0.1% in 25 ns, make the AD8072 and AD8073
useful in many general purpose, high speed applications where a
single 5 V or dual power supplies up to
±6 V are needed. The
AD8072 is available in 8-lead plastic DIP, SOIC, and
µSOIC
packages while the AD8073 is available in 14-lead plastic DIP and
SOIC packages. Both operate over the commercial temperature
range of 0
°C to 70°C. Additionally, the AD8072ARM operates
over the industrial temperature range of –40
°C to +85°C.
FREQUENCY – MHz
6.1
6.0
5.3
0.1
500
110
100
5.9
5.8
5.4
5.7
5.6
5.5
6
5
4
3
2
1
0
VS = 5V
VO = 2V p-p
RF = RG = 1k
RL = 150
AV = 2
7
–1
0.1 dB
DIV
1 dB
DIV
Figure 1. Large Signal Frequency Response


Numéro de pièce similaire - AD8073JR-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8073JR-REEL7 AD-AD8073JR-REEL7 Datasheet
167Kb / 11P
   Low Cost, Dual/Triple Video Amplifiers
REV. A
AD8073JR-REEL7 AD-AD8073JR-REEL7 Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
More results

Description similaire - AD8073JR-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8072 AD-AD8072_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072 AD-AD8072 Datasheet
167Kb / 11P
   Low Cost, Dual/Triple Video Amplifiers
REV. A
AD8073JRZ AD-AD8073JRZ Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
logo
Linear Technology
LT1253 LINER-LT1253_15 Datasheet
222Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
LT1253 LINER-LT1253 Datasheet
246Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
logo
Elantec Semiconductor
EL2210C ELANTEC-EL2210C Datasheet
190Kb / 12P
   Low Cost, Dual, Triple and Quad Video Op Amps
logo
Intersil Corporation
EL2210 INTERSIL-EL2210 Datasheet
90Kb / 11P
   Low Cost, Dual, Triple and Quad Video Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com