Moteur de recherche de fiches techniques de composants électroniques |
|
AD8062ARZ-RL Fiches technique(PDF) 8 Page - Analog Devices |
|
AD8062ARZ-RL Fiches technique(HTML) 8 Page - Analog Devices |
8 / 20 page AD8061/AD8062/AD8063 Rev. E | Page 8 of 20 FREQUENCY (MHz) 3 –12 1 1k –6 100 10 0 –3 –9 G = –1 G = –2 G = –5 VS = 5V VO = 1V p-p RL = 1kΩ VBIAS = 1V Figure 13. Large Signal Frequency Response FREQUENCY (MHz) 0.1 –0.5 1 1k –0.2 100 10 0 –0.1 –0.3 –0.4 VS = 5V VS = 3V VS = 2.7V VO = 0.2V p-p RL = 1kΩ VBIAS = 1V G = +1 Figure 14. 0.1 dB Flatness 0.01 0.1 1 10 100 1k 80 60 40 20 0 –20 –40 200 150 100 50 0 –50 –100 –150 –200 –250 –300 FREQUENCY (MHz) SERIES 2 SERIES 1 Figure 15. AD8062 Open-Loop Gain and Phase vs. Frequency, VS = 5 V, RL = 1 kΩ INPUT SIGNAL DC BIAS (V) 0 –50 –100 0.5 1.0 3.0 3.5 –10 –20 –30 –40 –60 –70 –80 –90 2.5 2.0 1.5 3RD @ 1MHz 3RD @ 10MHz 2ND @ 1MHz 2ND @ 10MHz VS = 5V RL = 1kΩ G = +1 Figure 16. Harmonic Distortion for a 1 V p-p Signal vs. Input Signal DC Bias FREQUENCY (MHz, START = 10kHz, STOP = 30MHz) –70 0.01 –40 –50 –60 –80 –90 –100 –110 0.1 3RD H 2ND H 1.25Vdc 50Ω 604Ω 1kΩ 52.3Ω 0.1µF 10µF 5V + + – 0.1µF 1kΩ (RLOAD) 1MΩ INPUT 1 10 50 Figure 17. Harmonic Distortion for a 1 V p-p Output Signal vs. Input Signal DC Bias OUTPUT SIGNAL DC BIAS (V) –50 –120 0 1 –30 –40 –60 –70 –80 –90 4 3 2 –110 –100 VS = 5V RL = 1kΩ G = +5 VO = 1V p-p 3RD 2ND 10MHz 5MHz 2ND 3RD 1MHz 3RD 2ND 5 Figure 18. Harmonic Distortion vs. Output Signal DC Bias |
Numéro de pièce similaire - AD8062ARZ-RL |
|
Description similaire - AD8062ARZ-RL |