Moteur de recherche de fiches techniques de composants électroniques |
|
AD828AN Fiches technique(PDF) 2 Page - Analog Devices |
|
AD828AN Fiches technique(HTML) 2 Page - Analog Devices |
2 / 12 page REV. C –2– AD828–SPECIFICATIONS (@ T A = 25 C, unless otherwise noted.) Parameter Conditions VS Min Typ Max Unit DYNAMIC PERFORMANCE –3 dB Bandwidth Gain = +2 ±5 V 60 85 MHz ±15 V 100 130 MHz 0, +5 V 30 45 MHz Gain = –1 ±5 V 35 55 MHz ±15 V 60 90 MHz 0, +5 V 20 35 MHz Bandwidth for 0.1 dB Flatness Gain = +2 ±5 V 30 43 MHz CC = 1 pF ±15 V 30 40 MHz 0, +5 V 10 18 MHz Gain = –1 ±5 V 15 25 MHz CC = 1 pF ±15 V 30 50 MHz 0, +5 V 10 19 MHz Full Power Bandwidth* VOUT = 5 V p-p RLOAD = 500 Ω±5 V 22.3 MHz VOUT = 20 V p-p RLOAD = 1 k Ω±15 V 7.2 MHz Slew Rate RLOAD = 1 k Ω±5 V 300 350 V/ µs Gain = –1 ±15 V 400 450 V/ µs 0, +5 V 200 250 V/ µs Settling Time to 0.1% –2.5 V to +2.5 V ±5 V 45 ns 0 V–10 V Step, AV = –1 ±15 V 45 ns Settling Time to 0.01% –2.5 V to +2.5 V ±5 V 80 ns 0 V–10 V Step, AV = –1 ±15 V 80 ns NOISE/HARMONIC PERFORMANCE Total Harmonic Distortion FC = 1 MHz ±15 V –78 dB Input Voltage Noise f = 10 kHz ±5 V, ±15 V 10 nV/ √Hz Input Current Noise f = 10 kHz ±5 V, ±15 V 1.5 pA/ √Hz Differential Gain Error NTSC ±15 V 0.01 0.02 % (RL = 150 Ω) Gain = +2 ±5 V 0.02 0.03 % 0, +5 V 0.08 % Differential Phase Error NTSC ±15 V 0.05 0.09 Degrees (RL = 150 Ω) Gain = +2 ±5 V 0.07 0.1 Degrees 0, +5 V 0.1 Degrees DC PERFORMANCE Input Offset Voltage ±5 V, ±15 V 0.5 2 mV TMIN to TMAX 3mV Offset Drift 10 µV/°C Input Bias Current ±5 V, ±15 V 3.3 6.6 µA TMIN 10 µA TMAX 4.4 µA Input Offset Current ±5 V, ±15 V 25 300 nA TMIN to TMAX 500 nA Offset Current Drift 0.3 nA/ °C Open-Loop Gain VOUT = ±2.5 V ±5 V RLOAD = 500 Ω 35 V/mV TMIN to TMAX 2 V/mV RLOAD = 150 Ω 24 V/mV VOUT = ±10 V ±15 V RLOAD = 1 k Ω 5.5 9 V/mV TMIN to TMAX 2.5 V/mV VOUT = ±7.5 V ±15 V RLOAD = 150 Ω (50 mA Output) 3 5 V/mV INPUT CHARACTERISTICS Input Resistance 300 k Ω Input Capacitance 1.5 pF Input Common-Mode Voltage Range ±5 V +3.8 +4.3 V –2.7 –3.4 V ±15 V +13 +14.3 V –12 –13.4 V 0, +5 V +3.8 +4.3 V +1.2 +0.9 V Common-Mode Rejection Ratio VCM = +2.5 V, TMIN to TMAX ±5 V 82 100 dB VCM = ±12 V ±15 V 86 120 dB TMIN to TMAX ±15 V 84 100 dB |
Numéro de pièce similaire - AD828AN |
|
Description similaire - AD828AN |