Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8009ARZ-REEL Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD8009ARZ-REEL
Description  1 GHz, 5,500 V/??Low Distortion Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8009ARZ-REEL Fiches technique(HTML) 4 Page - Analog Devices

  AD8009ARZ-REEL Datasheet HTML 1Page - Analog Devices AD8009ARZ-REEL Datasheet HTML 2Page - Analog Devices AD8009ARZ-REEL Datasheet HTML 3Page - Analog Devices AD8009ARZ-REEL Datasheet HTML 4Page - Analog Devices AD8009ARZ-REEL Datasheet HTML 5Page - Analog Devices AD8009ARZ-REEL Datasheet HTML 6Page - Analog Devices AD8009ARZ-REEL Datasheet HTML 7Page - Analog Devices AD8009ARZ-REEL Datasheet HTML 8Page - Analog Devices AD8009ARZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8009
–4–
REV. F
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8009 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6 V
Internal Power Dissipation
2
Small Outline Package (R) . . . . . . . . . . . . . . . . . . . . . . . 0.75 W
Input Voltage (Common-Mode) . . . . . . . . . . . . . . . . . . . .
±VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±3.5 V
Output Short-Circuit Duration
. . . . . . . . . . . . . . . . . . . . . .Observe Power Derating Curves
Storage Temperature Range R Package . . . . –65
°C to +125°C
Operating Temperature Range (A Grade) . . . –40
°C to +85°C
Operating Temperature Range (J Grade) . . . . . . . 0
°C to 70°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
8-Lead SOIC Package:
θ
JA = 155
°C/W.
5-Lead SOT-23 Package:
θ
JA = 240
°C/W.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the AD8009
is limited by the associated rise in junction temperature. The maxi-
mum safe junction temperature for plastic encapsulated devices
is determined by the glass transition temperature of the plastic,
approximately 150
°C. Exceeding this limit temporarily may cause
a shift in parametric performance due to a change in the stresses
exerted on the die by the package. Exceeding a junction tempera-
ture of 175
°C for an extended period can result in device failure.
While the AD8009 is internally short circuit protected, this may
not be sufficient to guarantee that the maximum junction tempera-
ture (150
°C) is not exceeded under all conditions. To ensure
proper operation, it is necessary to observe the maximum power
derating curves.
AMBIENT TEMPERATURE ( C)
90
80
2.0
1.0
0
1.5
0.5
–50
TJ = 150 C
70
60
50
40
30
20
10
0
–40 –30 –20 –10
8-LEAD SOIC PACKAGE
5-LEAD SOT-23 PACKAGE
Figure 3. Plot of Maximum Power Dissipation vs.
Temperature
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
Branding
AD8009AR
–40
°C to +85°C
8-Lead SOIC
R-8
AD8009AR-REEL
–40
°C to +85°C
8-Lead SOIC
R-8
AD8009AR-REEL7
–40
°C to +85°C
8-Lead SOIC
R-8
AD8009ARZ
*
–40
°C to +85°C
8-Lead SOIC
R-8
AD8009ARZ-REEL
*
–40
°C to +85°C
8-Lead SOIC
R-8
AD8009ARZ-REEL7
*
–40
°C to +85°C
8-Lead SOIC
R-8
AD8009JRT-R2
0
°C to 70°C
5-Lead SOT-23
RT-5
HKJ
AD8009JRT-REEL
0
°C to 70°C
5-Lead SOT-23
RT-5
HKJ
AD8009JRT-REEL7
0
°C to 70°C
5-Lead SOT-23
RT-5
HKJ
AD8009JRTZ-REEL
*
0
°C to 70°C
5-Lead SOT-23
RT-5
HKJ
AD8009JRTZ-REEL7
*
0
°C to 70°C
5-Lead SOT-23
RT-5
HKJ
AD8009ACHIPS
Die
*Z = Pb-free part.


Numéro de pièce similaire - AD8009ARZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8009AR AD-AD8009AR Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009AR-REEL AD-AD8009AR-REEL Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009ART AD-AD8009ART Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009ART-REEL AD-AD8009ART-REEL Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009ART-REEL7 AD-AD8009ART-REEL7 Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
More results

Description similaire - AD8009ARZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8009 AD-AD8009 Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
AD8350 AD-AD8350_15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
Texas Instruments
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com