Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8011AR Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD8011AR
Description  300 MHz Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8011AR Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD8011AR Datasheet HTML 6Page - Analog Devices AD8011AR Datasheet HTML 7Page - Analog Devices AD8011AR Datasheet HTML 8Page - Analog Devices AD8011AR Datasheet HTML 9Page - Analog Devices AD8011AR Datasheet HTML 10Page - Analog Devices AD8011AR Datasheet HTML 11Page - Analog Devices AD8011AR Datasheet HTML 12Page - Analog Devices AD8011AR Datasheet HTML 13Page - Analog Devices AD8011AR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. C
–10–
AD8011
(error current times the open-loop inverting input resistance) that
results (see Figure 7), a more exact low frequency closed-loop
transfer function can be described as
A
G
GR
T
R
T
G
G
A
R
T
V
I
O
F
OO
F
O
=
+
×
+
=
++
11
for noninverting (G is positive).
A
V
O
F
O
G
G
A
R
T
=
++
1
1 –
for inverting (G is negative).
where G is the ideal gain as previously described. With RI = TO /AO
(open-loop inverting input resistance), the second expression
(positive G) clearly relates to the classical voltage feedback op amp
equation with TO omitted due to its relatively much higher value
and thus insignificant effect. AO and TO are the open-loop dc
voltage and transresistance gains of the amplifier, respectively.
These key transfer variables can be described as
A
Rgmf
A
g
mc
R
O
=
××
×
12
1
1
|
|
( –
)
and
T
RA
O
=
×
12
2
|
|
Therefore
R
g
mc
R
g
mf
I
=
×
×
1
1
2
where gmc is the positive feedback transconductance (not shown)
and 1/gmf is the thermal emitter resistance of devices D1/D2 and
Q3/Q4. The gmc
× R1 product has a design value that results in a
negative dc open-loop gain of typically –2500 V/V (see Figure 8).
RS
LN
TO (s)
AO (s)
VP
ZI
IE
LI
RN
CP
RF
+VS
–VS
LS
RL
CL
VO
LS
Z I = OPEN LOOP INPUT IMPEDANCE = CI || RL
Figure 7. ZI = Open-Loop Input Impedance
Though atypical of conventional CF or VF amps, this negative
open-loop voltage gain results in an input referred error term
(VP–VO/G = G/AO + RF/TO) that will typically be negative for G,
greater than +3/–4. As an example, for G = 10, AO = –2500,
and TO = 1.2 M
Ω, results in an error of –3 mV using the A
V
derivation above.
This analysis assumes perfect current sources and infinite transistor
VAs. (Q3, Q4 output conductances are assumed zero.) These
assumptions result in actual versus model open-loop voltage gain
and associated input referred error terms being less accurate for
low gain (G) noninverting operation at the frequencies below the
open-loop pole of the AD8011. This is primarily a result of the
input signal (VP) modulating the output conductances of Q3/Q4,
resulting in RI less negative than derived here. For inverting
operation, the actual versus model dc error terms are relatively
much less.
1E+03
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
80
70
60
50
40
20
10
FREQUENCY (Hz)
30
–90
–100
–110
–120
–160
PHASE
GAIN
0
–10
–20
–30
–170
–180
–190
–200
–130
–140
–150
AO(s)
Figure 8. Open-Loop Voltage Gain and Phase
AC TRANSFER CHARACTERISTICS
The ac small signal transfer derivations below are based on a
simplified single-pole model. Though inaccurate at frequencies
approaching the closed-loop BW (CLBW) of the AD8011 at low
noninverting external gains, they still provide a fair approxima-
tion and an intuitive understanding of its primary ac small signal
characteristics.
For inverting operation and high noninverting gains, these
transfer equations provide a good approximation to the actual
ac performance of the device.
To accurately quantify the VO versus VP relationship, AO(s)
and TO(s) need to be derived. This can be seen by the following
nonexpanded noninverting gain relationship
Vs
V s
G
G
As
R
Ts
OP
O
F
O
() /
( )
[]
[]
=
++ 1
with
As
Rg
mf
A
g
mc
R
S
g
mc
R
O ()
||
=
××
×
×
12
11
1
11
τ
where R1 is the input resistance to A2/A2B, and
τ1 (equal to
CD
R1
A2) is the open-loop dominate time constant,
and
T
s
AR
s
O ()
||
=
×
+
21
2
11
τ


Numéro de pièce similaire - AD8011AR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8011AR AD-AD8011AR Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
AD8011AR AD-AD8011AR Datasheet
436Kb / 17P
   300 MHz Current Feedback Amplifier
REV. C
AD8011AR-REEL AD-AD8011AR-REEL Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
AD8011AR-REEL AD-AD8011AR-REEL Datasheet
436Kb / 17P
   300 MHz Current Feedback Amplifier
REV. C
AD8011AR-REEL7 AD-AD8011AR-REEL7 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
More results

Description similaire - AD8011AR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011_15 Datasheet
436Kb / 17P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
EL2160C-1 ELANTEC-EL2160C-1 Datasheet
430Kb / 16P
   130 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com