Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD822BRZ-REEL Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD822BRZ-REEL
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD822BRZ-REEL Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD822BRZ-REEL Datasheet HTML 6Page - Analog Devices AD822BRZ-REEL Datasheet HTML 7Page - Analog Devices AD822BRZ-REEL Datasheet HTML 8Page - Analog Devices AD822BRZ-REEL Datasheet HTML 9Page - Analog Devices AD822BRZ-REEL Datasheet HTML 10Page - Analog Devices AD822BRZ-REEL Datasheet HTML 11Page - Analog Devices AD822BRZ-REEL Datasheet HTML 12Page - Analog Devices AD822BRZ-REEL Datasheet HTML 13Page - Analog Devices AD822BRZ-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD822
Rev. G | Page 10 of 28
VS = 0, 3 V @ TA = 25°C, VCM = 0 V, VOUT = 0.2 V, unless otherwise noted.
Table 4.
Parameter
Conditions
Typ
Unit
DC PERFORMANCE
Initial Offset
0.2
mV
Maximum Offset Over Temperature
0.5
mV
Offset Drift
1
μV/°C
Input Bias Current
VCM = 0 V to 2 V
2
pA
at TMAX
0.5
nA
Input Offset Current
2
pA
at TMAX
0.5
nA
Open-Loop Gain
VO = 0.2 V to 2 V
TMIN to TMAX
RL = 100 kΩ
1000
V/mV
TMIN to TMAX
RL = 10 kΩ
150
V/mV
TMIN to TMAX
RL = 1 kΩ
30
V/mV
NOISE/HARMONIC PERFORMANCE
Input Voltage Noise
0.1 Hz to 10 Hz
2
μV p-p
f = 10 Hz
25
nV/√Hz
f = 100 Hz
21
nV/√Hz
f = 1 kHz
16
nV/√Hz
f = 10 kHz
13
nV/√Hz
Input Current Noise
0.1 Hz to 10 Hz
18
fA p-p
f = 1 kHz
0.8
fA/√Hz
Harmonic Distortion
RL = 10 kΩ to 1.5 V
f = 10 kHz
VO = ±1.25 V
−92
dB
DYNAMIC PERFORMANCE
Unity Gain Frequency
1.5
MHz
Full Power Response
VO p-p = 2.5 V
240
kHz
Slew Rate
3
V/μs
Settling Time
to 0.1%
VO = 0.2 V to 2.5 V
1
μs
to 0.01%
1.4
μs
MATCHING CHARACTERISTICS
Offset Drift
2
μV/°C
Crosstalk @ f = 1 kHz
RL = 5 kΩ
−130
dB
f = 100 kHz
−93
dB
INPUT CHARACTERISTICS
Common-Mode Rejection Ratio (CMRR)
VCM = 0 V to 1 V
74
dB
TMIN to TMAX
Input Impedance
Differential
1013||0.5
Ω||pF
Common Mode
1013||2.8
Ω||pF


Numéro de pièce similaire - AD822BRZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD822BRZ-REEL AD-AD822BRZ-REEL Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD822BRZ-REEL AD-AD822BRZ-REEL Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD822BRZ-REEL7 AD-AD822BRZ-REEL7 Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD822BRZ-REEL7 AD-AD822BRZ-REEL7 Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
More results

Description similaire - AD822BRZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD820 AD-AD820_07 Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
AD824 AD-AD824_03 Datasheet
552Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_15 Datasheet
436Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. D
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824 Datasheet
551Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. A
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822 AD-AD822 Datasheet
320Kb / 16P
   Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. A
AD822AN AD-AD822AN Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com