Moteur de recherche de fiches techniques de composants électroniques |
|
L6226N Fiches technique(PDF) 1 Page - STMicroelectronics |
|
L6226N Fiches technique(HTML) 1 Page - STMicroelectronics |
1 / 22 page 1/22 L6226 September 2003 s OPERATING SUPPLY VOLTAGE FROM 8 TO 52V s 2.8A OUTPUT PEAK CURRENT (1.4A DC) s RDS(ON) 0.73Ω TYP. VALUE @ Tj = 25 °C s OPERATING FREQUENCY UP TO 100KHz s PROGRAMMABLE HIGH SIDE OVERCURRENT DETECTION AND PROTECTION s DIAGNOSTIC OUTPUT s PARALLELED OPERATION s CROSS CONDUCTION PROTECTION s THERMAL SHUTDOWN s UNDER VOLTAGE LOCKOUT s INTEGRATED FAST FREE WHEELING DIODES TYPICAL APPLICATIONS s BIPOLAR STEPPER MOTOR s DUAL OR QUAD DC MOTOR DESCRIPTION The L6226 is a DMOS Dual Full Bridge designed for motor control applications, realized in MultiPower- BCD technology, which combines isolated DMOS Power Transistors with CMOS and bipolar circuits on the same chip. Available in PowerDIP24 (20+2+2), PowerSO36 and SO24 (20+2+2) packages, the L6226 features thermal shutdown and a non-dissipa- tive overcurrent detection on the high side Power MOSFETs plus a diagnostic output that can be easily used to implement the overcurrent protection. BLOCK DIAGRAM D99IN1088A GATE LOGIC OVER CURRENT DETECTION OVER CURRENT DETECTION GATE LOGIC VCP VBOOT ENA IN1A IN2A ENB IN1B IN2B VBOOT 5V 10V VSA V SB OUT1A OUT2A OUT1B OUT2B SENSEA CHARGE PUMP VOLTAGE REGULATOR THERMAL PROTECTION VBOOT VBOOT 10V 10V BRIDGE A BRIDGE B SENSEB PROGCLB OCDB OCDA PROGCLA OCDA OCDB ORDERING NUMBERS: L6226N (PowerDIP24) L6226PD (PowerSO36) L6226D (SO24) PowerDIP24 (20+2+2) PowerSO36 SO24 (20+2+2) DMOS DUAL FULL BRIDGE DRIVER |
Numéro de pièce similaire - L6226N |
|
Description similaire - L6226N |