Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES3BB Fiches technique(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce ES3BB
Description  SURFACE MOUNT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

ES3BB Fiches technique(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  ES3BB Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited ES3BB Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.galaxycn.com
BLGALAXY ELECTRICAL
BL
Document Number 0280030
1.
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC DO-214AA,molded plastic
Terminals: Solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.007 ounces,0.21 grams
Mounting position: Any
Ratings at 25
 ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
ES3CB
ES3DB ES3GB
EC
ED
EG
Maximum recurrent peak reverse voltage
VRRM
150
200
400
V
Maximum RMS voltage
VRMS
105
140
210
V
Maximum DC blocking voltage
VDC
150
200
400
V
Maximum average forward rectified current
@TA=100
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
@TJ=125
Maximum instantaneous forward voltage at3.0 A
VF
V
Maximum reverse current
@TA=25
at rated DC blocking voltage
@TA=125
Typical reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
R θJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
0.90
1.25
DO-214AA(SMB)
Device marking code
EA
EB
UNITS
- 55 ---- + 150
ES3AB
ES3BB
50
100
A
100
IFSM
IR
NOTE: 1. Measured with IF=0.5A, IR=1A, Irr=0.25A.
A
ES3AB--- ES3GB
A
10
Easily cleaned with Alcohol,Isopropanol
and similar solvents
IF(AV)
3.0
SURFACE MOUNT RECTIFIER
The plastic material carries U/L recognition 94V-0
100
50
70
GALAXY ELECTRICAL
2. Measured at 1.0MHZ and applied reverse voltage of 4.0V DC.
45
25
35
40
500
VOLTAGE RANGE: 50 --- 400 V
CURRENT:
3.0 A
- 55 ---- + 150
35
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
3. Thermal resistance f rom junction to ambient and junction to lead P.C.B.mounted on 0.27''X0.27''(7.0X7.0mm2) copper pad areas
inch(mm)


Numéro de pièce similaire - ES3BB

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
ES3BB DIODES-ES3BB Datasheet
46Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
logo
Galaxy Semi-Conductor H...
ES3BB BILIN-ES3BB Datasheet
535Kb / 4P
   Super-Fast Rectifiers
logo
Weitron Technology
ES3BB WEITRON-ES3BB Datasheet
329Kb / 3P
   Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
ES3BB TSC-ES3BB Datasheet
337Kb / 8P
   3A, 50V - 600V Surface Mount Super Fast Rectifier
logo
GOOD-ARK Electronics
ES3BB GOOD-ARK-ES3BB Datasheet
153Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
More results

Description similaire - ES3BB

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com