Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DS90CF363B Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DS90CF363B
Description  3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link - 65MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF363B Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  DS90CF363B_06 Datasheet HTML 1Page - National Semiconductor (TI) DS90CF363B_06 Datasheet HTML 2Page - National Semiconductor (TI) DS90CF363B_06 Datasheet HTML 3Page - National Semiconductor (TI) DS90CF363B_06 Datasheet HTML 4Page - National Semiconductor (TI) DS90CF363B_06 Datasheet HTML 5Page - National Semiconductor (TI) DS90CF363B_06 Datasheet HTML 6Page - National Semiconductor (TI) DS90CF363B_06 Datasheet HTML 7Page - National Semiconductor (TI) DS90CF363B_06 Datasheet HTML 8Page - National Semiconductor (TI) DS90CF363B_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AC Timing Diagrams (Continued)
Note 7: The worst case test pattern produces a maximum toggling of digital circuits, LVDS I/O and CMOS/TTL I/O.
Note 8: The 16 grayscale test pattern tests device power consumption for a “typical” LCD display pattern. The test pattern approximates signal switching needed
to produce groups of 16 vertical stripes across the display.
Note 9: Figures 1, 2 show a falling edge data strobe (TxCLK IN/RxCLK OUT).
Note 10: Recommended pin to signal mapping. Customer may choose to define differently.
20098705
FIGURE 2. “16 Grayscale” Test Pattern (Notes 7, 8, 9, 10)
20098730
FIGURE 3. DS90CF363B (Transmitter) LVDS Output Load
20098706
FIGURE 4. DS90CF363B (Transmitter) LVDS Transition Times
www.national.com
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn