Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC088S022CIMTX Fiches technique(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce ADC088S022CIMTX
Description  8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC088S022CIMTX Fiches technique(HTML) 9 Page - National Semiconductor (TI)

Back Button ADC088S022CIMTX Datasheet HTML 5Page - National Semiconductor (TI) ADC088S022CIMTX Datasheet HTML 6Page - National Semiconductor (TI) ADC088S022CIMTX Datasheet HTML 7Page - National Semiconductor (TI) ADC088S022CIMTX Datasheet HTML 8Page - National Semiconductor (TI) ADC088S022CIMTX Datasheet HTML 9Page - National Semiconductor (TI) ADC088S022CIMTX Datasheet HTML 10Page - National Semiconductor (TI) ADC088S022CIMTX Datasheet HTML 11Page - National Semiconductor (TI) ADC088S022CIMTX Datasheet HTML 12Page - National Semiconductor (TI) ADC088S022CIMTX Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Typical Performance Characteristics V
A =VD = +5.0V, TA = +25˚C, fSAMPLE = 200 kSPS, fSCLK =
3.2 MHz, f
IN = 39.9 kHz unless otherwise stated. (Continued)
SNR vs. Supply
THD vs. Supply
20166722
20166732
ENOB vs. Supply
DNL vs. V
D with VA = 5.0 V
20166733
20166730
INL vs. V
D with VA = 5.0 V
DNL vs. SCLK Duty Cycle
20166731
20166755
www.national.com
9


Numéro de pièce similaire - ADC088S022CIMTX

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC088S022CIMTX NSC-ADC088S022CIMTX Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC088S022CIMTX TI1-ADC088S022CIMTX Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC088S022CIMTX/NOPB TI1-ADC088S022CIMTX/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results

Description similaire - ADC088S022CIMTX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC082S021 TI1-ADC082S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com