Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8620BRZ Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD8620BRZ
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8620BRZ Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD8620BRZ Datasheet HTML 2Page - Analog Devices AD8620BRZ Datasheet HTML 3Page - Analog Devices AD8620BRZ Datasheet HTML 4Page - Analog Devices AD8620BRZ Datasheet HTML 5Page - Analog Devices AD8620BRZ Datasheet HTML 6Page - Analog Devices AD8620BRZ Datasheet HTML 7Page - Analog Devices AD8620BRZ Datasheet HTML 8Page - Analog Devices AD8620BRZ Datasheet HTML 9Page - Analog Devices AD8620BRZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8610/AD8620
TYPICAL PERFORMANCE CHARACTERISTICS
14
600
VS = ±13V
VS = ±5V
12
400
10
8
6
4
200
0
–200
–400
2
0
–40
25
85
125
VS = ±13V
–600
–250
–150
–50
50
150
250
–40
25
85
125
INPUT OFFSET VOLTAGE (µV)
TEMPERATURE (°C)
Figure 3. Input Offset Voltage at ±13 V
Figure 6. Input Offset Voltage vs. Temperature at ±5 V (300 Amplifiers)
600
14
0
0.2
0.6
1.0
1.4
1.8
2.2
2.6
VS = ±5V OR ±13V
12
400
10
8
6
4
200
0
–200
–400
–600
2
0
10
–10
5
–5
0
VS = ±13V
TEMPERATURE (°C)
TCVOS (µV/°C)
Figure 4. Input Offset Voltage vs. Temperature at ±13 V (300 Amplifiers)
Figure 7. Input Offset Voltage Drift
18
3.6
–250
–150
–50
50
150
250
INPUT OFFSET VOLTAGE (µV)
VS = ±5V
16
14
3.4
3.2
3.0
2.8
2.6
2.4
12
10
8
6
4
2
0
2.2
2.0
COMMON-MODE VOLTAGE (V)
Figure 5. Input Offset Voltage at ±5 V
Figure 8. Input Bias Current vs. Common-Mode Voltage
Rev. E | Page 6 of 24


Numéro de pièce similaire - AD8620BRZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8620BR AD-AD8620BR Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
AD8620BR-REEL AD-AD8620BR-REEL Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
AD8620BR-REEL7 AD-AD8620BR-REEL7 Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
More results

Description similaire - AD8620BRZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8620 AD-AD8620 Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8610 AD-AD8610 Datasheet
41Kb / 4P
   Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
REV. Pr0 9/27/01
AD8510 AD-AD8510 Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
   Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8512ARMZ AD-AD8512ARMZ Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com