Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD605BR Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD605BR
Description  Dual, Low Noise, Single-Supply Variable Gain Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD605BR Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD605BR Datasheet HTML 4Page - Analog Devices AD605BR Datasheet HTML 5Page - Analog Devices AD605BR Datasheet HTML 6Page - Analog Devices AD605BR Datasheet HTML 7Page - Analog Devices AD605BR Datasheet HTML 8Page - Analog Devices AD605BR Datasheet HTML 9Page - Analog Devices AD605BR Datasheet HTML 10Page - Analog Devices AD605BR Datasheet HTML 11Page - Analog Devices AD605BR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD605
Rev. E | Page 8 of 20
VGN (V)
2.0
1.0
1.5
0.5
0
–0.5
–1.0
–1.5
–2.0
0.2
0.7
1.7
1.2
2.2
2.7
20dB/V
VREF = 2.50V
30dB/V
VREF = 1.67V
Figure 9. Gain Error vs. VGN for Two Gain Scale Values
DELTA GAIN (dB)
20
6
0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
18
8
4
2
16
12
14
10
∆G(dB) = G(CH1) – G(CH2)
N = 50
Figure 10. Gain Match, VGN1 = VGN2 = 1.0 V
DELTA GAIN (dB)
20
6
0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
18
8
4
2
16
12
14
10
∆G(dB) = G(CH1) – G(CH2)
N = 50
Figure 11. Gain Match, VGN1 = VGN2 = 2.50 V
FREQUENCY (Hz)
60
40
–60
0
–20
–40
20
VGN = 2.9V (FBK = OPEN)
VGN = 2.9V (FBK = SHORT)
VGN = 1.5V (FBK = OPEN)
VGN = 1.5V (FBK = SHORT)
VGN = 0.1V (FBK = OPEN)
VGN = 0.1V (FBK = SHORT)
VGN = 0.0V
100k
1M
10M
100M
Figure 12. AC Response for Three Values of VGN
VGN (V)
2.525
2.475
0
2.520
2.495
2.490
2.485
2.480
2.515
2.510
2.500
2.505
VOCM = 2.50V
–40°C
+25°C
+85°C
0.5
1.0
1.5
2.0
2.5
3.0
Figure 13. Output Offset vs. VGN at Three Temperatures
VGN (V)
130
90
125
110
105
100
95
120
115
0
0.5
1.0
1.5
2.0
2.5
3.0
+85°C
+25°C
–40°C
Figure 14. Output Referred Noise vs. VGN at Three Temperatures


Numéro de pièce similaire - AD605BR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD605BR AD-AD605BR Datasheet
263Kb / 12P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
REV. C
AD605BR AD-AD605BR Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
AD605BR-REEL AD-AD605BR-REEL Datasheet
263Kb / 12P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
REV. C
AD605BR-REEL AD-AD605BR-REEL Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
AD605BR-REEL7 AD-AD605BR-REEL7 Datasheet
263Kb / 12P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
REV. C
More results

Description similaire - AD605BR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD605 AD-AD605 Datasheet
263Kb / 12P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
REV. C
AD605 AD-AD605_06 Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
AD605 AD-AD605_15 Datasheet
669Kb / 25P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. F
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com