Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD827SQ Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD827SQ
Description  High Speed, Low Power Dual Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD827SQ Fiches technique(HTML) 2 Page - Analog Devices

  AD827SQ Datasheet HTML 1Page - Analog Devices AD827SQ Datasheet HTML 2Page - Analog Devices AD827SQ Datasheet HTML 3Page - Analog Devices AD827SQ Datasheet HTML 4Page - Analog Devices AD827SQ Datasheet HTML 5Page - Analog Devices AD827SQ Datasheet HTML 6Page - Analog Devices AD827SQ Datasheet HTML 7Page - Analog Devices AD827SQ Datasheet HTML 8Page - Analog Devices AD827SQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. C
–2–
AD827–SPECIFICATIONS (@ T
A = +25 C, unless otherwise noted.)
AD827J
AD827A/S
Model
Conditions
VS
Min
Typ
Max
Min
Typ
Max
Unit
DC PERFORMANCE
Input Offset Voltage
1
±5 V
0.5
2
0.3
2
mV
TMIN to TMAX
3.5
4
mV
±15 V
4
4
mV
TMIN to TMAX
66
mV
Offset Voltage Drift
±5 V to ±15 V
15
15
µV/°C
Input Bias Current
±5 V to ±15 V
3.3
7
3.3
7
µA
TMIN to TMAX
8.2
9.5
µA
Input Offset Current
±5 V to ±15 V
50
300
50
300
nA
TMIN to TMAX
400
400
nA
Offset Current Drift
±5 V to ±15 V
0.5
0.5
nA/
°C
Common-Mode Rejection Ratio
VCM =
±2.5 V
±5 V
78
95
8095
dB
VCM =
±12 V
±15 V
78
95
8095
dB
TMIN to TMAX
±5 V to ±15 V 75
75dB
Power Supply Rejection Ratio
±5 V to ±15 V 75
86
7586
dB
TMIN to TMAX
72
72
dB
Open-Loop Gain
VO =
±2.5 V
±5 V
RLOAD = 500
2
3.5
2
3.5
V/mV
TMIN to TMAX
11
V/mV
RLOAD = 150
1.6
1.6
V/mV
VOUT =
±10 V
±15 V
RLOAD = 1 k
3
5.5
3
5.5
V/mV
TMIN to TMAX
1.5
1.5
V/mV
MATCHING CHARACTERISTICS
Input Offset Voltage
±5 V
0.4
0.2
mV
Crosstalk
f = 5 MHz
±5 V
85
85
dB
DYNAMIC PERFORMANCE
Unity-Gain Bandwidth
±5 V
35
35
MHz
±15 V
50
50
MHz
Full Power Bandwidth
2
VO = 5 V p-p,
RLOAD = 500
Ω±5 V
12.7
12.7
MHz
VO = 20 V p-p,
RLOAD = 1 k
Ω±15 V
4.7
4.7
MHz
Slew Rate
3
RLOAD = 500
Ω±5 V
200
200
V/
µs
RLOAD = 1 k
Ω±15 V
300
300
V/
µs
Settling Time to 0.1%
AV = –1
–2.5 V to +2.5 V
±5 V
65
65
ns
–5 V to +5 V
±15 V
120
120
ns
Phase Margin
CLOAD = 10 pF
±15 V
RLOAD = 1 k
50
50
Degrees
Differential Gain Error
f = 4.4 MHz
±15 V
0.04
0.04
%
Differential Phase Error
f = 4.4 MHz
±15 V
0.19
0.19
Degrees
Input Voltage Noise
f = 10 kHz
±15 V
15
15
nV/
√Hz
Input Current Noise
f = 10 kHz
±15 V
1.5
1.5
pA/
√Hz
Input Common-Mode
Voltage Range
±5 V
+4.3
+4.3
V
–3.4
–3.4
V
±15 V
+14.3
+14.3
V
–13.4
–13.4
V
Output Voltage Swing
RLOAD = 500
Ω±5 V
3.0
3.6
3.0
3.6
±V
RLOAD = 150
Ω±5 V
2.5
3.0
2.5
3.0
±V
RLOAD = 1 k
Ω±15 V
12
13.3
12
13.3
±V
RLOAD = 500
Ω±15 V
10
12.2
10
12.2
±V
Short-Circuit Current Limit
±5 V to ±15 V
32
32
mA
INPUT CHARACTERISTICS
Input Resistance
300
300
k
Input Capacitance
1.5
1.5
pF


Numéro de pièce similaire - AD827SQ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD827SQ AD-AD827SQ Datasheet
336Kb / 8P
   High Speed, Low Power Dual Op Amp
REV. B
AD827SQ AD-AD827SQ Datasheet
247Kb / 13P
   High Speed, Low Power Dual Op Amp
AD827SQ/883B AD-AD827SQ/883B Datasheet
336Kb / 8P
   High Speed, Low Power Dual Op Amp
REV. B
AD827SQ/883B AD-AD827SQ/883B Datasheet
247Kb / 13P
   High Speed, Low Power Dual Op Amp
More results

Description similaire - AD827SQ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD827 AD-AD827 Datasheet
336Kb / 8P
   High Speed, Low Power Dual Op Amp
REV. B
AD827JR-16 AD-AD827JR-16 Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827JNZ AD-AD827JNZ Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827 AD-AD827_15 Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827 AD-AD827_17 Datasheet
247Kb / 13P
   High Speed, Low Power Dual Op Amp
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
   Dual High Speed, Low Noise Op Amp
REV. C
AD847 AD-AD847 Datasheet
241Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847JNZ AD-AD847JNZ Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD849 AD-AD849_15 Datasheet
251Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12