Moteur de recherche de fiches techniques de composants électroniques |
|
AD704KN Fiches technique(PDF) 2 Page - Analog Devices |
|
AD704KN Fiches technique(HTML) 2 Page - Analog Devices |
2 / 12 page REV. C –2– AD704–SPECIFICATIONS (@ T A = 25 C, VCM = 0 V, and 15 V dc, unless otherwise noted.) AD704J/A AD704K AD704T Parameters Conditions Min Typ Max Min Typ Max Min Typ Max Unit INPUT OFFSET VOLTAGE Initial Offset 50 150 30 75 30 100 µV Offset TMIN–TMAX 100 250 50 150 80 150 µV vs. Temp, Average TC 0.2 1.5 0.2 1.0 1.0 µV/°C vs. Supply (PSRR) VS = ±2 to ±18 V 100 132 112 132 112 132 dB TMIN–TMAX VS = ±2.5 to ±18 V 100 126 108 126 108 126 dB Long-Term Stability 0.3 0.3 0.3 µV/month INPUT BIAS CURRENT 1 VCM = 0 V 100 270 80 150 80 200 pA VCM = ± 13.5 V 300 200 250 pA vs. Temp, Average TC 0.3 0.2 1.0 pA/ °C TMIN–TMAX VCM = 0 V 300 200 600 pA VCM = ± 13.5 V 400 300 700 pA INPUT OFFSET CURRENT VCM = 0 V 80 250 30 100 50 150 pA VCM = ± 13.5 V 300 150 200 pA vs. Temp, Average TC 0.6 0.4 0.4 pA/ °C TMIN–TMAX VCM = 0 V 100 300 80 200 80 400 pA VCM = ± 13.5 V 100 400 80 300 100 500 pA MATCHING CHARACTERISTICS Offset Voltage 250 130 150 µV TMIN–TMAX 400 200 250 µV Input Bias Current 2 500 300 400 pA TMIN–TMAX 600 400 600 pA Common-Mode Rejection 3 94 110 104 dB TMIN–TMAX 94 104 104 dB Power Supply Rejection 4 94 110 110 dB TMIN–TMAX 94 106 106 dB Crosstalk 5 f = 10 Hz RLOAD = 2 k Ω 150 150 150 dB FREQUENCY RESPONSE UNITY GAIN Crossover Frequency 0.8 0.8 0.8 MHz Slew Rate, Unity Gain G = –1 0.15 0.15 0.15 V/ µs Slew Rate TMIN–TMAX 0.1 0.1 0.1 V/ µs INPUT IMPEDANCE Differential 40 240 240 2M Ω pF Common-Mode 300 2 300 2 300 2G Ω pF INPUT VOLTAGE RANGE Common-Mode Voltage ±13.5 ±14 ±13.5 ±14 ±13.5 ±14 V Common-Mode Rejection Ratio VCM = ± 13.5 V 100 132 114 132 110 132 dB TMIN–TMAX 98 128 108 128 108 128 dB INPUT CURRENT NOISE 0.1 to 10 Hz 3 3 3 pA p-p f = 10 Hz 50 50 50 fA/ √Hz INPUT VOLTAGE NOISE 0.1 to 10 Hz 0.5 0.5 2.0 0.5 2.0 µV p-p f = 10 Hz 17 17 17 nV/ √Hz f = 1 kHz 15 22 15 22 15 22 nV/ √Hz OPEN-LOOP GAIN VO = ±12 V RLOAD = 10 k Ω 200 2000 400 2000 400 2000 V/mV TMIN–TMAX 150 1500 300 1500 300 1500 V/mV VO = ±10 V RLOAD = 2 k Ω 200 1000 300 1000 200 1000 V/mV TMIN–TMAX 150 1000 200 1000 100 1000 V/mV |
Numéro de pièce similaire - AD704KN |
|
Description similaire - AD704KN |