Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMA3011 Fiches technique(PDF) 4 Page - Filtronic Compound Semiconductors

No de pièce FMA3011
Description  12.7-16GHZ MMIC POWER AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FILTRONIC [Filtronic Compound Semiconductors]
Site Internet  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3011 Fiches technique(HTML) 4 Page - Filtronic Compound Semiconductors

  FMA3011_1 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 6Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 7Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 8Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 9Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
4
Datasheet v4.0
FMA3011
TYPICAL PERFORMANCE FOR ON WAFER MEASUREMENTS:
Note: RF on wafer measurements conducted at a lower bias point. Gain increases to the typical value at full bias.
Measurement Conditions: VG1= -0.5V, ID= 180mA, VDD= 5V, TAMBIENT = 25°C
Frequency
ReS11
ImS11
ReS21
ImS21
ReS12
ImS12
ReS22
ImS22
12.000000
0.02862
0.14634
-6.67930
22.40440
-0.00002
-0.00055
-0.08042
0.08541
12.100000
0.04739
0.14199
-3.50866
23.34877
0.00065
-0.00070
-0.06926
0.08047
12.200000
0.05071
0.13091
-0.24776
23.97320
0.00030
-0.00104
-0.06486
0.07525
12.300000
0.05901
0.11523
3.18014
24.08470
0.00038
-0.00081
-0.05980
0.06616
12.400000
0.07374
0.09515
6.72798
23.70643
0.00028
-0.00133
-0.05717
0.05895
12.500000
0.08162
0.07863
10.21719
22.56068
0.00054
-0.00128
-0.05739
0.05220
12.600000
0.08652
0.06465
13.39561
21.06022
0.00018
-0.00102
-0.05660
0.04683
12.700000
0.08131
0.04328
16.42668
18.92982
0.00102
-0.00101
-0.05818
0.03881
12.800000
0.07224
0.02250
19.08678
16.47102
0.00107
-0.00128
-0.05909
0.03077
12.900000
0.06434
-0.00163
21.43423
13.71294
0.00135
-0.00114
-0.06285
0.02316
13.000000
0.05353
-0.01339
23.36681
10.66305
0.00138
-0.00131
-0.06789
0.01570
13.100000
0.03684
-0.02027
24.87215
7.07652
0.00152
-0.00090
-0.07716
0.01088
13.200000
0.01690
-0.02392
25.72424
3.35031
0.00157
-0.00083
-0.08625
0.00932
13.300000
-0.00248
-0.03228
26.09245
-0.53323
0.00209
-0.00036
-0.09435
0.00948
13.400000
-0.01801
-0.03173
25.70407
-4.42088
0.00170
-0.00056
-0.10434
0.01258
13.500000
-0.03347
-0.02676
24.80453
-8.34490
0.00205
-0.00013
-0.11028
0.01474
13.600000
-0.04619
-0.01233
23.09648
-11.90000
0.00219
-0.00038
-0.11522
0.01902
13.700000
-0.06234
-0.00087
21.00504
-15.11085
0.00164
0.00006
-0.12067
0.02500
13.800000
-0.07110
0.00140
18.32389
-17.87180
0.00200
0.00062
-0.12163
0.02956
13.900000
-0.07895
0.01599
15.46391
-20.31469
0.00136
0.00027
-0.12588
0.03534
14.000000
-0.08032
0.02743
12.11258
-22.07279
0.00233
0.00054
-0.13015
0.04070
14.100000
-0.08049
0.04620
8.78339
-23.44850
0.00222
0.00064
-0.13013
0.04824
14.200000
-0.08831
0.06197
5.16222
-24.30297
0.00178
0.00106
-0.12897
0.05541
14.300000
-0.08713
0.07151
1.55327
-24.54886
0.00197
0.00069
-0.12704
0.06067
14.400000
-0.08305
0.08453
-2.05811
-24.14934
0.00129
0.00105
-0.12680
0.06672
14.500000
-0.07201
0.09639
-5.39476
-23.34800
0.00180
0.00118
-0.12620
0.07174
14.600000
-0.06335
0.11361
-8.61700
-22.07628
0.00192
0.00099
-0.12231
0.07730
14.700000
-0.06197
0.12273
-11.48291
-20.37179
0.00166
0.00126
-0.11860
0.08131
14.800000
-0.04812
0.12781
-14.12595
-18.29621
0.00163
0.00080
-0.11485
0.08523
14.900000
-0.03018
0.13962
-16.44033
-15.96085
0.00146
0.00120
-0.11173
0.09098
15.000000
-0.00996
0.15195
-18.40505
-13.31864
0.00124
0.00156
-0.10638
0.09579
15.100000
0.00530
0.15823
-19.86278
-10.37735
0.00121
0.00175
-0.10103
0.09968
15.200000
0.01873
0.15667
-20.88333
-7.40515
0.00121
0.00143
-0.09553
0.10018
15.300000
0.03561
0.15014
-21.43556
-4.37013
0.00093
0.00176
-0.08894
0.10282
15.400000
0.05833
0.14512
-21.67941
-1.27367
0.00029
0.00159
-0.08270
0.10265
15.500000
0.07723
0.14294
-21.46588
1.79864
0.00053
0.00179
-0.07516
0.10419
15.600000
0.09221
0.13881
-20.88945
4.79123
0.00064
0.00179
-0.06926
0.10464
15.700000
0.10365
0.12732
-19.93439
7.75941
0.00080
0.00255
-0.06143
0.10268
15.800000
0.12069
0.11209
-18.55769
10.59434
-0.00001
0.00210
-0.05579
0.10057
15.900000
0.13756
0.08919
-16.75654
13.19331
0.00010
0.00229
-0.04917
0.09557
16.000000
0.15418
0.07345
-14.71157
15.56911
-0.00011
0.00142
-0.04345
0.09163


Numéro de pièce similaire - FMA3011_1

FabricantNo de pièceFiches techniqueDescription
logo
Filtronic Compound Semi...
FMA3011 FILTRONIC-FMA3011 Datasheet
380Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
More results

Description similaire - FMA3011_1

FabricantNo de pièceFiches techniqueDescription
logo
Filtronic Compound Semi...
FMA3011 FILTRONIC-FMA3011 Datasheet
380Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3014 FILTRONIC-FMA3014 Datasheet
253Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
FMA3014 FILTRONIC-FMA3014_1 Datasheet
239Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
logo
Excelics Semiconductor,...
RFMA1213-2W EXCELICS-RFMA1213-2W Datasheet
93Kb / 2P
   12.7 - 13.3 GHz Power Amplifier MMIC
logo
United Monolithic Semic...
CHA5051-QDG UMS-CHA5051-QDG Datasheet
642Kb / 10P
   7-16GHz Medium Power Amplifier
CHA5051 UMS-CHA5051 Datasheet
821Kb / 14P
   7-16GHz Medium Power Amplifier
CHA5052 UMS-CHA5052 Datasheet
493Kb / 10P
   7-16GHz High Power Amplifier
logo
Cree, Inc
CMPA1C1D060D CREE-CMPA1C1D060D Datasheet
549Kb / 8P
   60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA1C1D060D WOLFSPEED-CMPA1C1D060D Datasheet
237Kb / 8P
   60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-8-30
logo
United Monolithic Semic...
CHA5052-QGG UMS-CHA5052-QGG Datasheet
1Mb / 10P
   7-16GHz High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com