Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY28312B-2 Fiches technique(PDF) 3 Page - SpectraLinear Inc

No de pièce CY28312B-2
Description  FTG for VIA??K7 Series Chipset with Programmable Output Frequency
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPECTRALINEAR [SpectraLinear Inc]
Site Internet  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28312B-2 Fiches technique(HTML) 3 Page - SpectraLinear Inc

  CY28312B-2 Datasheet HTML 1Page - SpectraLinear Inc CY28312B-2 Datasheet HTML 2Page - SpectraLinear Inc CY28312B-2 Datasheet HTML 3Page - SpectraLinear Inc CY28312B-2 Datasheet HTML 4Page - SpectraLinear Inc CY28312B-2 Datasheet HTML 5Page - SpectraLinear Inc CY28312B-2 Datasheet HTML 6Page - SpectraLinear Inc CY28312B-2 Datasheet HTML 7Page - SpectraLinear Inc CY28312B-2 Datasheet HTML 8Page - SpectraLinear Inc CY28312B-2 Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CY28312B-2
Rev 1.0, November 21, 2006
Page 3 of 17
Serial Data Interface
The CY28312B-2 features a two-pin, serial data interface that
can be used to configure internal register settings that control
particular device functions.
Data Protocol
The clock driver serial protocol supports byte/word write,
byte/word read, block write and block read operations from the
controller. For block write/read operation, the bytes must be
accessed in sequential order from lowest to highest byte with
the ability to stop after any complete byte has been trans-
ferred. For byte/word write and byte read operations, system
controller can access individual indexed byte. The offset of the
indexed byte is encoded in the command code.
The definition for the command code is defined in Table 1.
SDATA
31
I/O
Data pin for SMBus circuitry.
SCLK
30
I
Clock pin for SMBus circuitry.
VDD_CPU
40
P
2.5V Power Connection. Power supply for CPU output buffers. Connect to
2.5V.
VDDQ_AGP
25
P
3.3V Power Connection. Power supply for AGP output buffers. Connect to 3.3V.
VDDQ_PCI
15, 23
P
3.3V Power Connection. Power supply for PCI output buffers. Connect to 3.3V.
VDDQ_48MHz
5
P
3.3V Power Connection. Power supply for 48-MHz output buffers. Connect to 3.3V.
VDD_REF
1
P
3.3V Power Connection: Power supply for reference output buffers. Connect
to 3.3V.
VDD_Core
33
P
3.3V Power Connection: Power supply for PLL core. Connect to 3.3V.
GND_REF,
GND_48MHz,
GND_PCI,
GND_AGP,
GND_Core,
GND_CPU
2, 8, 29, 32, 37,
43
G
Ground Connections: Connect all ground pins to the common system ground
plane.
Pin Definitions (continued)
Pin Name
Pin No.
Pin
Type
Pin Description
Bit
Descriptions
7
0 = Block read or block write operation
1 = Byte/Word read or byte/word write operation
6:0
Byte offset for byte/word read or write operation. For block read or write operations, these bits
need to be set at ‘0000000’.
Table 1. Block Read and Block Write Protocol
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
2:8
Slave address – 7 bits
2:8
Slave address – 7 bits
9Write
9Write
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code – 8 bits
‘00000000’ stands for block operation
11:18
Command Code – 8 bits
‘00000000’ stands for block operation
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Byte Count – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29:36
Data byte 0 – 8 bits
28
Read
37
Acknowledge from slave
29
Acknowledge from slave
38:45
Data byte 1 – 8 bits
30:37
Byte count from slave – 8 bits
46
Acknowledge from slave
38
Acknowledge


Numéro de pièce similaire - CY28312B-2

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY28312B-2 CYPRESS-CY28312B-2 Datasheet
240Kb / 17P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
CY28312B-2T CYPRESS-CY28312B-2T Datasheet
240Kb / 17P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
More results

Description similaire - CY28312B-2

FabricantNo de pièceFiches techniqueDescription
logo
SpectraLinear Inc
W312-02 SPECTRALINEAR-W312-02 Datasheet
193Kb / 19P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
logo
Cypress Semiconductor
W312-02 CYPRESS-W312-02_05 Datasheet
253Kb / 20P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
W312-02 CYPRESS-W312-02 Datasheet
143Kb / 21P
   FTG for VIA K7 Series Chipset with Programmable Output Frequency
CY28312B-2 CYPRESS-CY28312B-2 Datasheet
240Kb / 17P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
W210 CYPRESS-W210 Datasheet
162Kb / 14P
   Spread Spectrum FTG for VIA K7 Chipset
W230-03 CYPRESS-W230-03 Datasheet
175Kb / 15P
   Spread Spectrum FTG for VIA K7 Chipset
W210H CYPRESS-W210H Datasheet
165Kb / 14P
   Spread Spectrum FTG for VIA K7 Chipset
CY28326 CYPRESS-CY28326 Datasheet
288Kb / 23P
   FTG for VIA PT880 Serial Chipset
logo
SpectraLinear Inc
CY28326 SPECTRALINEAR-CY28326 Datasheet
224Kb / 22P
   FTG for VIA PT880 Serial Chipset
logo
Cypress Semiconductor
W311 CYPRESS-W311 Datasheet
347Kb / 19P
   FTG for VIA Pro-266 DDR Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com