Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

1N17 Datasheet(Fiches technique) 1 Page - Galaxy Semi-Conductor Holdings Limited

Numéro de pièce 1N17
Description  SCHOTTKY BARRIER RECTIFIER
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N17 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  1N17 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N17 Datenblatt HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.galaxycn.com
BL
Document Number 0266018
1.
BLGALAXY ELECTRICAL
FEATURES
Metal-Semiconductor junction with guard ring
Epitaxial construction
Low forward voltage drop,low switching losses
High surge capability
MECHANICAL DATA
Case:JEDEC R--1,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.007 ounces,0.20 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=70
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
GALAXY ELECTRICAL
1N17---1N19
A
For use in low voltage,high frequency inverters free
xxxx wheeling,and polarity protection applications
IF(AV)
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE: 20 --- 40 V
CURRENT: 1.0 A
R - 1
The plastic material carries U/L recognition 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
IN17
3.Thermal resistance junction to ambient
mA
IR
IFSM
NOTE: 1. Pulse test : 300
s pulse width,1% duty cy cle.
2. Measured at 1.0MH
Z and applied rev erse v oltage of 4. 0V DC.
A
50
- 55 ---- + 125
- 55 ---- + 150
110
1.0
10.0
1.0
40
Maximum instantaneous forw ard voltage @ 1.0A
z (Note 1)
@ 3.0A
VF
14
20
V
IN18
IN19
40
28
30
21
30
25.0
20
0.90
0.60
0.45
0.75
0.55
0.875


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
1N5817_11.0A SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
SD930_1HIGH CURRENT SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
MBR1070CT_110A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER 1 2 Diodes Incorporated
PDS5100H_15A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER 1 2 3 4 Diodes Incorporated
B3L30LP3A SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
USCD022SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 Zowie Technology Corporation
CDBB220-GSMD Schottky Barrier Rectifier 1 2 Comchip Technology
SBL8208 Amp Schottky Barrier Rectifier 20 to 60 Volts 1 2 3 Micro Commercial Components
S20D30C20A DUAL SCHOTTKY BARRIER RECTIFIER 1 2 3 4 Won-Top Electronics
SB820FCT8.0A DUAL SCHOTTKY BARRIER RECTIFIER 1 2 3 4 Won-Top Electronics

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn