Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST-K2 Fiches technique(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

No de pièce ST-K2
Description  TRRANSSFFORRMEERRS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Site Internet  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

ST-K2 Fiches technique(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  ST-K2 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION ST-K2 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION ST-K2 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION ST-K2 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION ST-K2 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
[ 148 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
TRANSFORMERS
TRANSFORMERS
IMPEDANCE
CENTER
FREQUENCY
BANDWIDTH (MHz) for
FIGURE
PIN-OUT
RATIO
TAP
INSERTION-LOSS
(See
PACKAGE
(See
MODEL
PRI : SEC
PRI
SEC
(MHz)
1dB
2dB
3dB
Below)
Below)
1:1
No
Yes
0.003-300
0.02-50
0.01-150
0.003-300
1
134
1
ST-K1
1:1.5
No
No
0.075-400
0.370-185
0.120-300
0.075-400
2
134
2
ST-K2
1:2
No
No
0.650-525
-
2.2-400
0.650-525
2
134
2
ST-K3
1:2.5
No
Yes
0.070-300
0.780-175
0.140-225
0.070-300
1
134
1
ST-K4
1:3
No
No
0.270-500
3.6-160
0.490-430
0.270-500
2
134
2
ST-K5
1:4
No
Yes
0.2-350
2-100
0.35-300
0.2-350
1
134
1
ST-K6
1:5
No
Yes
0.3-300
0.5-100
0.6-200
0.3-300
1
134
1
ST-K7
1:6
No
No
0.3-200
5-50
0.5-150
0.3-200
2
134
2
ST-K8
NOTE:
All devices shown have 1 Watt Power Rating
Temperature range for plastic package is -25oC to +85oC
LEADLESS SURFACE-MOUNT MODELS
Primary
Primary
Primary
Secondary Secondary Secondary
DOT
Center-Tap
DOT
Center-Tap
PIN-OUT TABLE
# 1
4
6
-
3
1
2
# 2
4
6
-
3
1
-
For pin location and package outline drawings, see back pages.
FIGURE 2
FIGURE 1


Numéro de pièce similaire - ST-K2

FabricantNo de pièceFiches techniqueDescription
logo
Soberton Inc.
ST-025BH SOBERTON-ST-025BH Datasheet
118Kb / 1P
   Reflow Type (SMD)
ST-025BH SOBERTON-ST-025BH Datasheet
1Mb / 7P
   Magnetic Transducer
ST-025BH SOBERTON-ST-025BH Datasheet
412Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-025BH SOBERTON-ST-025BH_09 Datasheet
1Mb / 7P
   Magnetic Transducer
ST-025BH SOBERTON-ST-025BH_17 Datasheet
412Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com