Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL23EP08SI-4T Fiches technique(PDF) 1 Page - SpectraLinear Inc

No de pièce SL23EP08SI-4T
Description  Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPECTRALINEAR [SpectraLinear Inc]
Site Internet  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP08SI-4T Fiches technique(HTML) 1 Page - SpectraLinear Inc

  SL23EP08SI-4T Datasheet HTML 1Page - SpectraLinear Inc SL23EP08SI-4T Datasheet HTML 2Page - SpectraLinear Inc SL23EP08SI-4T Datasheet HTML 3Page - SpectraLinear Inc SL23EP08SI-4T Datasheet HTML 4Page - SpectraLinear Inc SL23EP08SI-4T Datasheet HTML 5Page - SpectraLinear Inc SL23EP08SI-4T Datasheet HTML 6Page - SpectraLinear Inc SL23EP08SI-4T Datasheet HTML 7Page - SpectraLinear Inc SL23EP08SI-4T Datasheet HTML 8Page - SpectraLinear Inc SL23EP08SI-4T Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Rev 1.4, May 28, 2007
Page 1 of 18
2200 Laurelwood Road, Santa Clara, CA 95054 Tel: (408) 855-0555 Fax: (408) 855-0550 www.SpectraLinear.com
SL23EP08
Key Features
10 to 220 MHz operating frequency range
Low output clock skew: 70ps-typ
Low output clock Jitter: 50 ps-typ
- 50 ps-typ at 166MHz, CL=15pF and VDD=3.3V
- 75 ps-typ at 166MHz, CL=15pF and VDD=2.5V
Low part-to-part output skew: 150 ps-typ
3.3V to 2.5V power supply range
Low power dissipation:
- 22 mA-typ at 66MHz and VDD=3.3V
- 20 mA-typ at 66MHz and VDD=2.5V
One input drives 8 outputs
Multiple configurations and drive options
Select mode to bypass PLL or tri-state outputs
SpreadThru™ PLL that allows use of SSCG
Available in 16-pin SOIC and TSSOP packages
Available in Commercial and Industrial grades
Applications
Printers, MFPs and Digital Copiers
PCs and Work Stations
Routers, Switchers and Servers
Datacom and Telecom
High-Speed Digital Embeded Systems
Description
The SL23EP08 is a low skew, low jitter and low power
Zero Delay Buffer (ZDB) designed to produce up to eight
(8) clock outputs from one (1) reference input clock, for
high speed clock distribution applications.
The product has an on-chip PLL and a feedback pin (FBK)
which can be used to obtain feedback from any one of the
output clocks. The SL23EP08 has two (2) clock driver
banks each with four (4) clock outputs. These outputs are
controlled by two (2) select input pins S1 and S2. When
only four (4) outputs are needed, bank-B output clock
buffers can be tri-stated to reduce power dissipation and
jitter. The select inputs can also be used to tri-state both
banks A and B or drive them directly from the input
bypassing the PLL and making the product behave like a
Non-Zero Delay Buffer (NZDB). The SL23EP08 offers
various X/2,1X, 2X and 4x frequency options at the output
clocks. Refer to the “Product Configuration Table” for the
details.
The SL23EP08-1H, -2H and 5H versions operates up to
220 MHz and SL23EP08-1, -2, -3 and -4 versions operate
up to 133 MHz with CL=15pF output load.
Benefits
Up to eight (8) distribution of input clock
Standard and High-Dirive levels to control
impedance level, frequency range and EMI
Low skew, jitter and power dissipation
Block Diagram
Low Power and
Low Jitter
PLL
MUX
Input Selection
Decoding Logic
VDD
GND
2
2
S2
S1
CLKIN
FBK
CLKA1
CLKA2
CLKA3
CLKA4
CLKB1
CLKB2
CLKB3
CLKB4
/2
/2
/2
(Divider for -3 and -4)
(Divider for -5H only)
(Divider for -2, -2H and -3)
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer (ZDB)
P
Prreelliim
miin
na
arry
y


Numéro de pièce similaire - SL23EP08SI-4T

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SL23EP08SI-4T SILABS-SL23EP08SI-4T Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results

Description similaire - SL23EP08SI-4T

FabricantNo de pièceFiches techniqueDescription
logo
SpectraLinear Inc
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com