Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL2309SC-1T Fiches technique(PDF) 7 Page - SpectraLinear Inc

No de pièce SL2309SC-1T
Description  Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPECTRALINEAR [SpectraLinear Inc]
Site Internet  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL2309SC-1T Fiches technique(HTML) 7 Page - SpectraLinear Inc

Back Button SL2309SC-1T Datasheet HTML 3Page - SpectraLinear Inc SL2309SC-1T Datasheet HTML 4Page - SpectraLinear Inc SL2309SC-1T Datasheet HTML 5Page - SpectraLinear Inc SL2309SC-1T Datasheet HTML 6Page - SpectraLinear Inc SL2309SC-1T Datasheet HTML 7Page - SpectraLinear Inc SL2309SC-1T Datasheet HTML 8Page - SpectraLinear Inc SL2309SC-1T Datasheet HTML 9Page - SpectraLinear Inc SL2309SC-1T Datasheet HTML 10Page - SpectraLinear Inc SL2309SC-1T Datasheet HTML 11Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Rev 1.1, May 29, 2007
Page 7 of 12
SL2309
Switching Specifications: Unless otherwise stated VDD=3.3V+/-10% and both C and I Grades
Symbol
Description
Condition
Min
Typ
Max
Unit
High drive (-1H). All outputs CL=15pF
10
140
MHz
High drive (-1H), All outputs CL=30pF
10
100
MHz
Standard drive, (-1), All outputs CL=15pf
10
100
MHz
FMAX1
Maximum Frequency
[1]
(Input=Output )
All Active PLL Modes
Standard drive, (-1), All outputs CL=30pf
10
66
MHz
High drive (-1H). All outputs CL=15pF
0
140
Notes:
1. For the given maximum loading conditions. See CL in Operating Conditions Table.
2. Parameter is guaranteed by design and characterization. Not 100% tested in production.
MHz
High drive (-1H), All outputs CL=30pF
0
100
MHz
Standard drive, (-1), All outputs CL=15pf
0
100
MHz
FMAX2
Maximum Frequency
[1]
(Input=Output )
PLL Bypass Mode
(S2=1 and S1=0)
Standard drive, (-1), All outputs CL=30pf
0
66
MHz
INDC
Input Duty Cycle
Measured at 1.4V, Fout=66MHz, CL=15pF
30
50
70
%
OUTDC
Output Duty Cycle
[2]
Measured at 1.4V, Fout=66MHz, CL=15pF
40
50
60
%
High drive (-1H), CL=15pF
1.5
ns
High drive (-1H), CL=30pF
1.8
ns
Standard drive (-1), CL=15pF
2.2
ns
tr/f
Rise, Fall Time (3.3V)
[2]
(Measured at: 0.8 to 2.0V)
Standard drive (-1), CL=30pF
2.5
ns
t1
Output-to-Output Skew
[2]
All outputs CL=0 or equally loaded, -1 or
-1H drives
50
120
ps
(Measured at VDD/2)
t2
Device-to-Device Skew
[2]
(Measured at VDD/2)
All outputs CL=0 or equally loaded, -1 or
-1H drives
150
400
ps
PLL Bypass mode
Only when S2=1 and S1=0
1.5
5
8.7
ns
t3
Delay Time, CLKIN Rising
Edge to CLKOUT Rising
Edge
[2]
(Measured at VDD/2)
PLL enabled
–150
150
ps
All active PLL modes
PLL Lock Time
[2]
tPLOCK
Time from 90% of VDD to valid clocks on
all the output clocks
1.0
ms
Fin=Fout=66 MHz, <CL=15pF, -1H drive
50
100
ps
CCJ
Cycle-to-cycle Jitter
[2]
Fin=Fout=66 MHz, <CL=15pF, -1 drive
60
120
ps
Fin=Fout=66 MHz, <CL=30pF, -1H drive
65
130
ps
Fin=Fout=66 MHz, <CL=30pF, -1 drive
75
150
ps


Numéro de pièce similaire - SL2309SC-1T

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SL2309SC-1T ETC2-SL2309SC-1T Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
More results

Description similaire - SL2309SC-1T

FabricantNo de pièceFiches techniqueDescription
logo
SpectraLinear Inc
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com