Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL2309SC-1T Fiches technique(PDF) 3 Page - SpectraLinear Inc

No de pièce SL2309SC-1T
Description  Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPECTRALINEAR [SpectraLinear Inc]
Site Internet  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL2309SC-1T Fiches technique(HTML) 3 Page - SpectraLinear Inc

  SL2309SC-1T Datasheet HTML 1Page - SpectraLinear Inc SL2309SC-1T Datasheet HTML 2Page - SpectraLinear Inc SL2309SC-1T Datasheet HTML 3Page - SpectraLinear Inc SL2309SC-1T Datasheet HTML 4Page - SpectraLinear Inc SL2309SC-1T Datasheet HTML 5Page - SpectraLinear Inc SL2309SC-1T Datasheet HTML 6Page - SpectraLinear Inc SL2309SC-1T Datasheet HTML 7Page - SpectraLinear Inc SL2309SC-1T Datasheet HTML 8Page - SpectraLinear Inc SL2309SC-1T Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev 1.1, May 29, 2007
Page 3 of 12
SL2309
General Description
The SL2309 is a low skew, low jitter Zero Delay Buffer with
very low operating current.
The product includes an on-chip high performance PLL
that locks into the input reference clock and produces nine
(9) output clock drivers tracking the input reference clock
for systems requiring clock distribution.
in addition to CLKOUT that is used for internal PLL
feedback, there are two (2) banks with four (4) outputs in
each bank, bringing the number of total available output
clocks to nine (9).
Input and Output Frequency Range
The input and output frequency range is the same. But, it
depends on the drive and CL levels as given in the below
Table 1.
Drive
CL(pF)
Min(MHz)
Max(MHz)
HIGH
15
10
140
HIGH
30
10
100
LOW
15
10
100
LOW
30
10
66
Table 1. Input/Output Frequency Range
If the input clock is DC (GND to VDD) or floating, this is
detected by an input frequency detection circuitry and all
nine (9) clock outputs are forced to Hi-Z. The PLL is
shutdown to save power. In this shutdown state, the
product draws less than 12 A-max supply current.
In PLL by-pass mode (S2=1 and S1=0), the detection
circuit is disabled and input frequency range is 10 to
100MHz for standard (-1) drive and 10 to 140MHz for high
(-1H) drive.
SpreadThru
Feature
If a Spread Spectrum Clock (SSC) were to be used as an
input clock, the SL2309 is designed to pass the
modulated Spread Spectrum Clock (SSC) signal from its
reference input to the output clocks. The same spread
characteristics at the input are passed through the PLL
and drivers without any degradation in spread percent
(%), spread profile and modulation frequency
Select Input Control
The SL2309 provides two (2) input select control pins
called S1 (Pin-9) and S2 (Pin-8). This feature enables
users to select various states of output clock banks-A and
bank-B, output source and PLL shutdown features as
shown in the Table 2.
The S1 (Pin-9) and S2 (Pin-8) inputs include 250 k
weak
pull-up resistors to VDD.
PLL Bypass Mode
If the S1 and S2 pins are logic Low(0) and High(1)
respectively, the on-chip PLL is shutdown and bypassed,
and all the nine output clocks bank
A, bank B and
CLKOUT clocks are driven by directly from the reference
input clock. In this operation mode SL2309 works like a
non-ZDB fanout buffer. In this operation mode the input
power-down detection circuit is disabled and outputs
follow the input clock from DC to rated frequencies based
on drive levels and load specifications.
High and Low-Drive Product Options
The SL2309 is offered with High Drive “-1H” and Standard
Drive “-1” options. These drive options enable the users
to control load levels, frequency range and EMI. Refer to
the switching electrical tables for the details.
Skew and Zero Delay
All outputs should drive the similar load to achieve the
output-to-output skew and input-to-output specifications
given in the switching electrical tables. However, Zero
Delay between input and outputs can be adjusted by
changing the loading at CLKOUT relative to the banks A
and B clocks since CLKOUT is the feedback to the PLL.
Power Supply Range (VDD)
The SL2309 is designed to operate at VDD=3.3V (+/-
10%). An internal on-chip voltage regulator is used to
provide PLL constant power supply of 1.8V, leading to a
consistent and stable PLL electrical performance in terms
of skew, jitter and power dissipation.
Refer to SL23EP09 for 3.3V to 2.5V and SL23EPL09 for
1.8V power supply operations.


Numéro de pièce similaire - SL2309SC-1T

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SL2309SC-1T ETC2-SL2309SC-1T Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
More results

Description similaire - SL2309SC-1T

FabricantNo de pièceFiches techniqueDescription
logo
SpectraLinear Inc
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com