Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL23EP09ZC-1 Fiches technique(PDF) 2 Page - SpectraLinear Inc

No de pièce SL23EP09ZC-1
Description  Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPECTRALINEAR [SpectraLinear Inc]
Site Internet  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP09ZC-1 Fiches technique(HTML) 2 Page - SpectraLinear Inc

  SL23EP09ZC-1 Datasheet HTML 1Page - SpectraLinear Inc SL23EP09ZC-1 Datasheet HTML 2Page - SpectraLinear Inc SL23EP09ZC-1 Datasheet HTML 3Page - SpectraLinear Inc SL23EP09ZC-1 Datasheet HTML 4Page - SpectraLinear Inc SL23EP09ZC-1 Datasheet HTML 5Page - SpectraLinear Inc SL23EP09ZC-1 Datasheet HTML 6Page - SpectraLinear Inc SL23EP09ZC-1 Datasheet HTML 7Page - SpectraLinear Inc SL23EP09ZC-1 Datasheet HTML 8Page - SpectraLinear Inc SL23EP09ZC-1 Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Rev 1.1, February 2, 2007
Page 2 of 13
SL23EP09
Pin Configuration
16-Pin SOIC and TSSOP
Pin Description
Pin
Number
Pin Name
Pin Type
Pin Description
1
CLKIN
Input
Reference Frequency Clock Input. Weak pull-down (250k ).
2
CLKA1
Output
Buffered Clock Output, Bank A. Weak pull-down (250k ).
3
CLKA2
Output
Buffered Clock Output, Bank A. Weak pull-down (250k ).
4
VDD
Power
3.3V or 2.5V Power Supply.
5
GND
Power
Power Ground.
6
CLKB1
Output
Buffered Clock Output, Bank B. Weak pull-down (250k ).
7
CLKB2
Output
Buffered Clock Output, Bank B. Weak pull-down (250k ).
8
S2
Input
Select Input, select pin S2. Weak pull-up (250k ).
9
S1
Input
Select Input, select pin S1. Weak pull-up (250k ).
10
CLKB3
Output
Buffered Clock Output, Bank B. Weak pull-down (250k ).
11
CLKB4
Output
Buffered Clock Output, Bank B. Weak pull-down (250k ).
12
GND
Power
Power Ground.
13
VDD
Power
3.3V or 2.5V Power Supply.
14
CLKA3
Output
Buffered Clock Output, Bank A. Weak pull-down (250k ).
15
CLKA4
Output
Buffered Clock Output, Bank A. Weak pull-down (250k ).
16
CLKOUT
Output
Buffered Clock Output, PLL Internal Feedback Output. Weak pull-down (250k ).


Numéro de pièce similaire - SL23EP09ZC-1

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SL23EP09ZC-1 SILABS-SL23EP09ZC-1 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP09ZC-1H SILABS-SL23EP09ZC-1H Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP09ZC-1HT SILABS-SL23EP09ZC-1HT Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP09ZC-1T SILABS-SL23EP09ZC-1T Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results

Description similaire - SL23EP09ZC-1

FabricantNo de pièceFiches techniqueDescription
logo
SpectraLinear Inc
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com