Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8197B Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8197B
Description  4:1 HDMI/DVI Switch with Equalization
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8197B Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8197B Datasheet HTML 7Page - Analog Devices AD8197B Datasheet HTML 8Page - Analog Devices AD8197B Datasheet HTML 9Page - Analog Devices AD8197B Datasheet HTML 10Page - Analog Devices AD8197B Datasheet HTML 11Page - Analog Devices AD8197B Datasheet HTML 12Page - Analog Devices AD8197B Datasheet HTML 13Page - Analog Devices AD8197B Datasheet HTML 14Page - Analog Devices AD8197B Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8197B
Rev. 0 | Page 11 of 28
TA = 27°C, AVCC = 3.3 V, VTTI = 3.3 V, VTTO = 3.3 V, DVCC = 3.3 V, AMUXVCC = 5 V, AVEE = 0 V, DVEE = 0 V, differential input
swing = 1000 mV, TMDS outputs terminated with external 50 Ω resistors to 3.3 V, pattern = PRBS 27 − 1, data rate = 2.25 Gbps, unless
otherwise noted.
0.5
0.6
0
025
HDMI CABLE LENGTH (m)
0.4
0.3
0.2
0.1
510
15
20
2m CABLE = 30AWG
5m TO 20m CABLES = 24AWG
1.65Gbps
EQ = 12dB
2.25Gbps
EQ = 12dB
2.25Gbps
EQ = 6dB
1.65Gbps
EQ = 6dB
DATA RATE (Gbps)
Figure 14. Jitter vs. Input Cable Length (See Figure 4 for Test Setup)
50
0
02.4
45
40
35
30
25
20
15
10
5
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2
1080p
12-BIT
1.65Gbps
1080p
8-BIT
1080i/720p
480i
480p
DJ (p-p)
RJ (rms)
Figure 15. Jitter vs. Data Rate
50
0
3.0
3.6
SUPPLY VOLTAGE (V)
45
40
35
30
25
20
15
10
5
3.1
3.2
3.3
3.4
3.5
RJ (rms)
DJ (p-p)
Figure 16. Jitter vs. Supply Voltage
0.5
0.6
0
020
HDMI CABLE LENGTH (m)
0.4
0.3
0.2
0.1
2m CABLE = 30AWG
5m TO 20m CABLES = 24AWG
510
15
1.65Gbps, PE MAX
2.25Gbps, PE MAX
1.65Gbps, PE OFF
2.25Gbps, PE OFF
1200
0
0
DATA RATE (Gbps)
Figure 17. Jitter vs. Output Cable Length (See Figure 9 for Test Setup)
1000
800
600
400
200
2.4
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2
Figure 18. Eye Height vs. Data Rate
800
0
2.5
3.6
SUPPLY VOLTAGE (V)
700
600
500
400
300
200
100
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
Figure 19. Eye Height vs. Supply Voltage


Numéro de pièce similaire - AD8197B

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8197 AD-AD8197 Datasheet
700Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
PrA
AD8197-EVAL AD-AD8197-EVAL Datasheet
700Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
PrA
AD8197A AD-AD8197A Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A-EVALZ AD-AD8197A-EVALZ Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197AASTZ AD-AD8197AASTZ Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
More results

Description similaire - AD8197B

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191_15 Datasheet
848Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197 Datasheet
700Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
PrA
AD8197A AD-AD8197A_15 Datasheet
772Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191 Datasheet
975Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191A AD-AD8191A_15 Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
   3:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com