Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYM36G Fiches technique(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce BYM36G
Description  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BYM36G Fiches technique(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BYM36G Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BYM36G Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
0.1
1
2
4
6
10
40
20
100
60
2
4
10
20
40
100
200
0.4
0.2
TJ=25
f=1MHz
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.02
0.06
0.04
0.1
0.2
0.4
1.0
2
4
10
100
TJ=25
Pulse Width=300
µS
1.8
2.0
0
1
100
100
50
10
150
200
10
TJ=125
8.3ms Single Half
Sine-Wave
0.5
1.0
1.5
2.0
2.5
0
20
80
120
SinglePhase
Half Wave60HZ
Resistiveor
InductiveLoad
0.1
140
40
100
60
3.0
160 180
200
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0261041
2.
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(-)
(+ )
-1.0A
-0.25A
0
+0.5A
trr
1cm
FIG.5-- TYPICAL JUNCTION CAPACITANCE
2.RISETIME=10ns MAX. SOURCEIMPEDANCE=5O
FIG.3 --PEAK FORWARD SURGE CURRENT
NOTES:1.RISETIME=7ns MAX. INPUTIMPEDANCE=1M .22pF
FIG.1 -- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
FIG.2 --FORWARD DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
FIG.4--TYPICAL FORWARD CHARACTERISTIC
BYM36A(Z)---BYM36G(Z)
SETTIMEBASEFOR50/100 ns /cm
AMBIENT TEMPERATURE,
RATINGSANDCHARACTERISTICCURVES
NUMBER OF CYCLES AT 60 Hz


Numéro de pièce similaire - BYM36G

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BYM36G PHILIPS-BYM36G Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
Shenzhen Luguang Electr...
BYM36G LUGUANG-BYM36G Datasheet
172Kb / 2P
   Fast Recovery Rectifiers
logo
Diode Semiconductor Kor...
BYM36G DSK-BYM36G Datasheet
286Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
BYM36G NJSEMI-BYM36G Datasheet
200Kb / 3P
   Fast soft-recovery controlled avalanche rectifiers
More results

Description similaire - BYM36G

FabricantNo de pièceFiches techniqueDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com