Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL29010 Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL29010
Description  Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29010 Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL29010 Datasheet HTML 4Page - Intersil Corporation ISL29010 Datasheet HTML 5Page - Intersil Corporation ISL29010 Datasheet HTML 6Page - Intersil Corporation ISL29010 Datasheet HTML 7Page - Intersil Corporation ISL29010 Datasheet HTML 8Page - Intersil Corporation ISL29010 Datasheet HTML 9Page - Intersil Corporation ISL29010 Datasheet HTML 10Page - Intersil Corporation ISL29010 Datasheet HTML 11Page - Intersil Corporation ISL29010 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN6414.0
February 13, 2008
INTEGRATION TIME IN EXTERNAL TIMING MODE
This timing mode is programmed in the command register
00(hex) Bit 5. External Timing Mode is recommended when
integration time can be synchronized to an external signal
such as a PWM to eliminate noise.
To read the light count DATA output, the device needs three
sync_I2C commands to complete one measurement. The 1st
sync_I2C command starts the conversion of the diode array 1.
The 2nd sync_I2C completes the conversion of diode array 1
and starts the conversion of diode array 2. The 3rd sync_I2C
pules ends the conversion of diode array 2, outputs the light
count DATA, and starts over again to commence conversion
of diode array 1.
The integration time, tINT, is the sum of two identical time
intervals between the three sync pulses. tINT is determined
by Equation 12:
where kOSC is the number of internal clock cycles obtained
from Timer data register and fOSC is the internal I
2C
operating frequency.
The internal oscillator, fOSC, operates identically in both the
internal and external timing modes, with the same
dependence on REXT. However, in External Timing Mode,
the number of clock cycles per integration is no longer fixed
at 2n. The number of clock cycles varies with the chosen
integration time, and is limited to 216 = 65,536. In order to
avoid erroneous lux readings the integration time must be
short enough not to allow an overflow in the counter register.
fOSC = 327kHz*100kΩ/REXT. When Range/Gain is set to
Range1 or Range2.
fOSC = 655kHz*100kΩ/REXT. When Range/Gain is set to
Range3 or Range4.
Noise Rejection
In general, integrating type ADC’s have excellent
noise-rejection characteristics for periodic noise sources
whose frequency is an integer multiple of the integration
time. For instance, a 60Hz AC unwanted signal’s sum from
0ms to k*16.66ms (k = 1,2...ki) is zero. Similarly, setting the
device’s integration time to be an integer multiple of the
periodic noise signal greatly improves the light sensor output
signal in the presence of noise.
Flat Window Lens Design
A window lens will surely limit the viewing angle of the
ISL29010. The window lens should be placed directly on top
of the device. The thickness of the lens should be kept at
minimum to minimize loss of power due to reflection and
also to minimize loss due to absorption of energy in the
plastic material. A thickness of t = 1mm is recommended for
a window lens design. The bigger the diameter of the
window lens, the wider the viewing angle is of the ISL29010.
Table 12 shows the recommended dimensions of the optical
window to ensure both 35° and 45° viewing angle. These
dimensions are based on a window lens thickness of 1.0mm
and a refractive index of 1.59.
Window with Light Guide Design
If a smaller window is desired while maintaining a wide
effective viewing angle of the ISL29010, a cylindrical piece of
transparent plastic is needed to trap the light and then focus
and guide the light on to the device. Hence the name light
guide which is also known as light pipe. The pipe should be
placed directly on top of the device with a distance of
D1 = 0.5mm to achieve peak performance. The light pipe
should be a minimum of 1.5mm in diameter to ensure that
whole area of the sensor will be exposed. See Figure 5.
t
INT
k
OSC
f
OSC
---------------
=
(EQ. 12)
t
INT
65,535
f
OSC
------------------
<
(EQ. 13)
TABLE 12. RECOMMENDED DIMENSIONS FOR A FLAT
WINDOW DESIGN
DTOTAL
D1
DLENS @ 35
VIEWING ANGLE
DLENS @ 45
VIEWING ANGLE
1.5
0.50
2.25
3.75
2.0
1.00
3.00
4.75
2.5
1.50
3.75
5.75
3.0
2.00
4.30
6.75
3.5
2.50
5.00
7.75
t = 1
Thickness of lens
D1
Distance between ISL29010 and inner edge of lens
DLENS
Diameter of lens
DTOTAL
Distance constraint between the ISL29010 and lens
outer edge
* All dimensions are in mm.
DLENS
t
D1
DTOTAL
∅ = VIEWING ANGLE
WINDOW LENS
ISL29013
FIGURE 4. FLAT WINDOW LENS
E =
DATA
215
x 2000
ISL29010


Numéro de pièce similaire - ISL29010

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
ISL29010IROZ-EVALZ RENESAS-ISL29010IROZ-EVALZ Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
ISL29010IROZ-T7 RENESAS-ISL29010IROZ-T7 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
More results

Description similaire - ISL29010

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
   Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Intersil Corporation
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com