Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AL-XGE361-F8 Fiches technique(PDF) 2 Page - A-BRIGHT Inc

No de pièce AL-XGE361-F8
Description  Super Yellow Green Axial With YOKE Lead AXIAL LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  A-BRIGHT [A-BRIGHT Inc]
Site Internet  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-XGE361-F8 Fiches technique(HTML) 2 Page - A-BRIGHT Inc

  AL-XGE361-F8 Datasheet HTML 1Page - A-BRIGHT Inc AL-XGE361-F8 Datasheet HTML 2Page - A-BRIGHT Inc AL-XGE361-F8 Datasheet HTML 3Page - A-BRIGHT Inc AL-XGE361-F8 Datasheet HTML 4Page - A-BRIGHT Inc AL-XGE361-F8 Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2006/10/18
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
AXIAL LED LAMPS
Part Number: AL-XGE361-F8
ELECTRO-OPTICAL CHARACTERISTICS
(TA=25℃)
Parameter
Test
Condition Symbol Value
Unit
Viewing angle at 50% IV
IF=10mA
2θ1/2
35
Deg
(Typ.)
Forward voltage
(Max.)
IF=20mA
VF
2.00
2.60
V
(Min.)
Luminous intensity
(Typ.)
IF=20mA
IV
42.0
80.0
mcd
Wavelength
IF=20mA
λ
p
λd
570
570
±5
nm
Spectral Line Half-Width
IF=20mA
λ
30
nm
Peak pulsing current (1/10 duty f=1kHz)
IFP
100
mA
Absolute maximum ratings
(TA=25℃)
Parameter
Symbol
Value
Unit
Forward current
IF
30
mA
Reverse voltage
VR
5
V
Reverse current
IR
100
µA
Power Dissipation
PD
120
mW
Operating temperature range
Top
-25 ~+80
Storage temperature range
Tstg
-30 ~+85
Lead soldering temperature
260℃ For 5 Seconds


Numéro de pièce similaire - AL-XGE361-F8

FabricantNo de pièceFiches techniqueDescription
logo
A-BRIGHT Inc
AL-XGE361-F7 A-BRIGHT-AL-XGE361-F7 Datasheet
339Kb / 5P
   Super Yellow Green Axial With Gull Wing Lead
2006/10/18
AL-XGE361-F9 A-BRIGHT-AL-XGE361-F9 Datasheet
336Kb / 5P
   Super Yellow Green Axial With Z-Bent Lead AXIAL LED LAMPS
2006/10/19
More results

Description similaire - AL-XGE361-F8

FabricantNo de pièceFiches techniqueDescription
logo
A-BRIGHT Inc
AL-XKB361-F8 A-BRIGHT-AL-XKB361-F8 Datasheet
338Kb / 5P
   Super Yellow Axial With YOKE Lead AXIAL LED LAMPS
2006/10/18
AL-XKD361-F8 A-BRIGHT-AL-XKD361-F8 Datasheet
338Kb / 5P
   Super Yellow Axial With YOKE Lead AXIAL LED LAMPS
2006/10/18
AL-XG0361-F8 A-BRIGHT-AL-XG0361-F8 Datasheet
338Kb / 5P
   Yellow Green Axial With YOKE Lead AXIAL LED LAMPS
2006/10/18
AL-XY0361-F8 A-BRIGHT-AL-XY0361-F8 Datasheet
337Kb / 5P
   Yellow Axial With YOKE Lead AXIAL LED LAMPS
2006/10/18
AL-XF0361-F8 A-BRIGHT-AL-XF0361-F8 Datasheet
337Kb / 5P
   Super Red Axial With YOKE Lead AXIAL LED LAMPS
2006/10/18
AL-XS1361-F8 A-BRIGHT-AL-XS1361-F8 Datasheet
337Kb / 5P
   Super Red Axial With YOKE Lead AXIAL LED LAMPS
2006/10/18
AL-XD0361-F8 A-BRIGHT-AL-XD0361-F8 Datasheet
337Kb / 5P
   Super Red Axial With YOKE Lead AXIAL LED LAMPS
2006/10/18
AL-XJF361-F8 A-BRIGHT-AL-XJF361-F8 Datasheet
337Kb / 5P
   Super Amber Axial With YOKE Lead AXIAL LED LAMPS
2006/10/18
AL-XUB361-F8 A-BRIGHT-AL-XUB361-F8 Datasheet
337Kb / 5P
   Super Red Axial With YOKE Lead AXIAL LED LAMPS
2006/10/18
AL-XJB361-F8 A-BRIGHT-AL-XJB361-F8 Datasheet
337Kb / 5P
   Super Orange Red Axial With YOKE Lead AXIAL LED LAMPS
2006/10/19
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com