Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

94HBC16JT Fiches technique(PDF) 1 Page - Grayhill, Inc

No de pièce 94HBC16JT
Description  Thru-Hole DIP Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GRAYHILL [Grayhill, Inc]
Site Internet  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

94HBC16JT Fiches technique(HTML) 1 Page - Grayhill, Inc

  94HBC16JT Datasheet HTML 1Page - Grayhill, Inc 94HBC16JT Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
6
5
4
4
3
5
8
7
6
9
8
7
6
9
4
C
1
2
C
8
3
.190 (4,83)
2 PLACES
PIN #1
.390
(9,91)
.380 (9,65)
.500
(12,7)
.025 (0,64)
.060
(1,52)
TYP.
.100 .005
(2,54 0,13)
TYP.
.020 +.004/-.002
(0,51 + 0,10/0,05)
TERMINALS ARE
.020 +.004/-.002
(0,51 +0,10/0,05)
WIDE BY .012 .002
(0,31 0,05) THICK
.038 DIA. HOLE SIZE
RECOMMENDED
PC board layout
as viewed from the
top of the switch
3
.390
(9,91)
.040 .005
(1,02 0,13)
.100 .005 TYP.
(2,54 0,13)
0.410
(10,41)
0.100
(2,54) Typ.
0.050
(1,27)
0.240
(6,10)
.190 (4,83)
2 PLACES
CORNER
CLOSEST
TO PIN #1
.380 (9,65)
.146 (3,71)
.300 (7,62) TYP.
3
.390
(9,91)
.190 (4,83)
2 PLACES
CORNER
CLOSEST
TO PIN #1
.225 (5,72)
.225 (5,72)
0.315
[8.00]
0.385
[9.78]
0.250
[6.35]
0.280
0.560
0.100 TYP
0.070 TYP
2
C
8
4
C
1
Solder pad layout
as viewed from the
top of the switch
2
C
8
4
C
1
SERIES 94H
Binary Coded
Tolerances are ± .010 inches unless specified otherwise.
DIMENSIONS In inches (and millimeters)
Surface Mount
Gullwing
Standard Thru-Hole
ACTUATOR STYLES
All actuation types are available in octal (8),
binary coded decimal (10), or hexadecimal
(16) codes; with either standard or
complement output. Standard code outputs
have natural color rotors; complements in a
contrasting color.
Octal–8 position
BCD–10 position
Hex–16 position
EXTENDED ACTUATOR TYPES
FEATURES
• Sealed Construction; No Tape
Seal Required
• Surface Mount or Thru-Hole Style
• Tube or Tape and Reel Packaging
• Octal, BCD, and Hexadecimal
Code
• In Standard or Complement
• Standard and Right Angle Mount
• Flush or Extended Actuators
• Gold-Plated Contacts
.282
(7,16)
.270 (6,86)
OR
.170 (4,32)
OR
.090 (2,29)
SEE
ORDERING
INFORMATION
.200
(5,08)
1
2
3
4
.140 DIA.
(
∅ 3,56)
.140 DIA.
(
∅ 3,56)
.270 (6,86)
OR
.170 (4,32)
OR
.090 (2,29)
SEE
ORDERING
INFORMATION
Figure 1
"A" style rotor
Figure 3
Figure 2
"F" style rotor
Surface Mount J-Lead
DIP
19
Thru-Hole DIP Switches


Numéro de pièce similaire - 94HBC16JT

FabricantNo de pièceFiches techniqueDescription
logo
Grayhill, Inc
94HBC10JRT GRAYHILL-94HBC10JRT Datasheet
1Mb / 3P
   Rotary DIP Switches
94HBC10RART GRAYHILL-94HBC10RART Datasheet
1Mb / 3P
   Rotary DIP Switches
94HBC10WRT GRAYHILL-94HBC10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
More results

Description similaire - 94HBC16JT

FabricantNo de pièceFiches techniqueDescription
logo
Grayhill, Inc
90B02ST GRAYHILL-90B02ST Datasheet
341Kb / 2P
   Thru-Hole DIP Switches
76SD01T GRAYHILL-76SD01T Datasheet
240Kb / 2P
   Thru-Hole DIP Switches
logo
List of Unclassifed Man...
76ST01 ETC1-76ST01 Datasheet
33Kb / 1P
   Thru-Hole DIP Switches
logo
Grayhill, Inc
78B02T GRAYHILL-78B02T Datasheet
767Kb / 2P
   Thru-Hole DIP Switches
76STC04T GRAYHILL-76STC04T Datasheet
140Kb / 2P
   Thru-Hole DIP Switches
79B10T GRAYHILL-79B10T Datasheet
398Kb / 1P
   Thru-Hole DIP Switches
76RSB02ST GRAYHILL-76RSB02ST Datasheet
439Kb / 1P
   Thru-Hole DIP Switches
76SC02 GRAYHILL-76SC02 Datasheet
55Kb / 2P
   Thru-Hole DIP Switches
94RB08CT GRAYHILL-94RB08CT Datasheet
157Kb / 1P
   Thru-Hole DIP Switches
79A10T GRAYHILL-79A10T Datasheet
260Kb / 2P
   Thru-Hole DIP Switches
78M05S GRAYHILL-78M05S Datasheet
13Kb / 1P
   Thru-Hole DIP Switches
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com