Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

90B05PT Fiches technique(PDF) 1 Page - Grayhill, Inc

No de pièce 90B05PT
Description  Thru-Hole DIP Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GRAYHILL [Grayhill, Inc]
Site Internet  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

90B05PT Fiches technique(HTML) 1 Page - Grayhill, Inc

  90B05PT Datasheet HTML 1Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
SERIES 90B
Machine Insertable MIDIP
DIMENSIONS In inches (and millimeters)
ORDERING INFORMATION: Tube Packaging (Each tube is 19.5 inches long)
90B
FEATURES
• Tested for TO-116 Equipment
• Up to 10 Positions
• High Pressure, Reliable Contacts
• Molded (Sealed) Base and
Optional Top Seal
As viewed from the top of the switch in the
positions shown in the drawing.
CIRCUITRY
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
*The "P"in the part number denotes top tape seal versions. To order without top tape seal, leave the
"P" off the part number when ordering.
O
12345678
N
LENGTH ± .010 (0,25)
SEE CHART
.165 ± .005
(4,19 ± 0,13)
.195
(4,95)
MAX.
.020 ± .002 (0,51 ± 0,05) TYP.
.100 ± .005 (2,54 ± 0,13) TYP.
.085 ± .005 (2,16 ± 0,13) TYP.
.135 ± .010
(3,43 ± 0,25)
TYP.
.375
± .010
(9,53
± 0,25)
.012 ± .001
(0,30 ± 0,03)
TYP.
C
L
.290
(7,37)
MAX.
DESIGNED FOR
.100 X .300 (2,54 X 7,62)
ON CENTER HOLES
Switch is packaged as shown
here with all positions on.
No. of
Length
Length
Number
Part
Positions
Inches
Metric
Per Tube
Number*
2
.270"
6,9 mm
60
90B02PT
3
.370"
9,4 mm
47
90B03PT
4
.470"
11,9 mm
37
90B04PT
5
.570"
14,5 mm
31
90B05PT
6
.670"
17,0 mm
26
90B06PT
7
.770"
19,6 mm
23
90B07PT
8
.870"
22,1 mm
20
90B08PT
9
.970"
24,6 mm
18
90B09PT
10
1.070"
27,2 mm
16
90B10PT
DIP
9
Thru-Hole DIP Switches


Numéro de pièce similaire - 90B05PT

FabricantNo de pièceFiches techniqueDescription
logo
Grayhill, Inc
90B05ST GRAYHILL-90B05ST Datasheet
341Kb / 2P
   Thru-Hole DIP Switches
More results

Description similaire - 90B05PT

FabricantNo de pièceFiches techniqueDescription
logo
Grayhill, Inc
90B02ST GRAYHILL-90B02ST Datasheet
341Kb / 2P
   Thru-Hole DIP Switches
76SD01T GRAYHILL-76SD01T Datasheet
240Kb / 2P
   Thru-Hole DIP Switches
logo
List of Unclassifed Man...
76ST01 ETC1-76ST01 Datasheet
33Kb / 1P
   Thru-Hole DIP Switches
logo
Grayhill, Inc
78B02T GRAYHILL-78B02T Datasheet
767Kb / 2P
   Thru-Hole DIP Switches
76STC04T GRAYHILL-76STC04T Datasheet
140Kb / 2P
   Thru-Hole DIP Switches
79B10T GRAYHILL-79B10T Datasheet
398Kb / 1P
   Thru-Hole DIP Switches
76RSB02ST GRAYHILL-76RSB02ST Datasheet
439Kb / 1P
   Thru-Hole DIP Switches
76SC02 GRAYHILL-76SC02 Datasheet
55Kb / 2P
   Thru-Hole DIP Switches
94RB08CT GRAYHILL-94RB08CT Datasheet
157Kb / 1P
   Thru-Hole DIP Switches
79A10T GRAYHILL-79A10T Datasheet
260Kb / 2P
   Thru-Hole DIP Switches
78M05S GRAYHILL-78M05S Datasheet
13Kb / 1P
   Thru-Hole DIP Switches
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com