Moteur de recherche de fiches techniques de composants électroniques |
|
LF1290NP-471 Fiches technique(PDF) 1 Page - Sumida Corporation |
|
LF1290NP-471 Fiches technique(HTML) 1 Page - Sumida Corporation |
1 / 2 page AC COMMON MODE COIL <Pin Type: LF Series> Type: LF1290 Please refer to the sales offices on our website for a representative near you www.sumida.com 1/2 9.0±0.5 16.0±1.0 14.0±0.5 3.5±1.0 接着 剤 ◆ Product Description ・ 17.0×13.0mm Max.(L×W), 9.5mm Max. Height. ・ Inductance range: 0.47mH~10mH ・ Rated current range: 0.2~1.10A ・ In addition to the standard versions of parameters shown here, custom design are available to meet your exact requirements. ◆ Feature ・ Small size and large inductance type. ・ Exellent attenuation characteristics in low frequency. ・ Ideally used in noise prevention for TV,VCR,AV,OA equipment. ・ RoHS Compliance ◆ Dimensions (mm) * Dimension does not include solder used on coil. * Terminal pitch is measured at the base.(not from tip of the pin) ◆ Schematics (Bottom) * Winding start is #1,#4 or #2,#3. * #1, #2:should be same polarity. ① ② ③ ④ Adhesive |
Numéro de pièce similaire - LF1290NP-471 |
|
Description similaire - LF1290NP-471 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |