Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

73G-IV1 Fiches technique(PDF) 2 Page - Grayhill, Inc

No de pièce 73G-IV1
Description  Analog Voltage Input Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GRAYHILL [Grayhill, Inc]
Site Internet  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

73G-IV1 Fiches technique(HTML) 2 Page - Grayhill, Inc

  73G-IV1 Datasheet HTML 1Page - Grayhill, Inc 73G-IV1 Datasheet HTML 2Page - Grayhill, Inc 73G-IV1 Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
SPECIFICATIONS: By Part Number
Type/Function
Grayhill Part Number
G5, OpenLine®
73G-IV50M
73G-IV100M
73L-IV50M
73L-IV100M
Specifications
Units
Number of Inputs
1 Ch., Diff.
1 Ch., Diff.
2 Ch., S.E.
2 Ch., S.E.
Resolution
bits
12
12
12
12
µV/Count
12.2
24.4
12.2
24.4
Absolute Accuracy @ 25°C1, 2
% of full scale
+/- 0.1
+/- 0.1
0.07
0.07
Accuracy Drift w/Temp.2
Maximum Offset
PPM/°C
+/- 50
+/- 50
+/- 35
+/- 35
Maximum Gain (0 to 60°C)
PPM/°C
+/- 55
+/- 55
+/- 75
+/- 75
Serial Data Format
12-bit packet
12-bit packet
Right Justified,16-bit
Right Justified,16-bit
Serial Data Packet
115.2Kb, N, 8, 2
115.2Kb, N, 8, 2
Step Response Time3
mS
2.5
2.5
1.5
1.5
Input Resistance (Rx)
Mohm
1
1
2.2
2.2
Input Voltage Range
mV
0-50
0-100
0-50
0-100
Maximum Overload
V
——
+/- 30
+/- 30
Logic Voltage Range
Vdc
4.5-5.5
4.5-5.5
4.75-5.25
4.75-5.25
Maximum Logic Supply Current@5Vdc
mA/Ch.
150
150
30
30
Module ID (Pin 9)
K
N/A
N/A
5.23
5.23
Isolation Voltage
Field to Logic
Vrms
2500
2500
2500
2500
Field to Power
Vrms
2500
2500
2500
2500
Module to Module
Vrms
2500
2500
2500
2500
Channel A to Channel B
N/A
N/A
None
None
Environmental Conditions
Operating Temperature
° C
0 to 60
0 to 60
-40 to 85
-40 to 85
Storage Temperature
° C
-25 to 85
-25 to 85
-55 to 100
-55 to 100
1 Includes offset, gain, non-linearity and repeatability error terms.
2 Accuracy and drift graphs are available in Bulletin #753.
3 Start up temperature greater than -25°C.
Analog Voltage Input Modules
Type/Function
Grayhill Part Number
G5, OpenLine®
73G-IV5B
73G-IV10B
73L-IV5B
73L-IV10B
Specifications
Units
Number of Inputs
1 Ch., Diff.
1 Ch., Diff.
2 Ch., S.E.
2 Ch., S.E.
Resolution
bits
12
12
12
12
mV/count
2.44
4.88
2.44
4.88
Absolute Accuracy @ 25°C1, 2
% of full scale
+/-0.1
+/- 0.1
0.075
0.075
Accuracy Drift w/Temp.2
Maximum Offset
PPM/°C
+/- 50
+/- 50
+/- 25
+/- 25
Maximum Gain (0 to 60°C)
PPM/°C
+/- 55
+/- 55
+/- 75
+/- 75
Serial Data Format
12-bit packet
12-bit packet
Right Justified, 16-bit
Right Justified, 16-bit
Serial Data Packet
115.2Kb, N, 8,2
115.2Kb, N, 8,2
Step Response Time3
mS
2.5
2.5
1.5
1.5
Input Resistance (Rx)
Mohm
1
1
2.2
2.2
Input Voltage Range
Vdc
-5 to 5
-10 to 10
-5 to 5
-10 to 10
Maximum Overload
V
+/- 30
+/- 30
Logic Voltage Range
Vdc
4.5-5.5
4.5-5.5
4.75-5.25
4.75-5.25
Maximum Logic Supply Current@5Vdc
mA/Ch.
150
150
38
38
Module ID (Pin 9)
K
N/A
N/A
5.23
5.23
Isolation Voltage
Field to Logic
Vrms
2500
2500
2500
2500
Field to Power
Vrms
2500
2500
2500
2500
Module to Module
Vrms
2500
2500
2500
2500
Channel A to Channel B
None
None
Environmental Conditions
Operating Temperature
° C
0 to 60
0 to 60
-40 to 85
-40 to 85
Storage Temperature
° C
-25 to 55
-25 to 85
-55 to 100
-55 to 100
I/O
28


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn