Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

73G-IV1 Fiches technique(PDF) 3 Page - Grayhill, Inc

No de pièce 73G-IV1
Description  Analog Voltage Input Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GRAYHILL [Grayhill, Inc]
Site Internet  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

73G-IV1 Fiches technique(HTML) 3 Page - Grayhill, Inc

  73G-IV1 Datasheet HTML 1Page - Grayhill, Inc 73G-IV1 Datasheet HTML 2Page - Grayhill, Inc 73G-IV1 Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Available from your local Grayhill Distributor.
For prices and discounts, contact a local
Distributor, a local Sales Office or Grayhill.
Type/Function
Grayhill Part Number
G5
73G-IVAC120
73G-IVAC240
Specifications
Units
Number of Inputs
1 Ch., Diff.
1 Ch., Diff.
Resolution
bits
12
12
mV/Count
27.34
65.52
Absolute Accuracy @ 25°C1
% of full scale
+/- 0.3%
+/- 0.3%
Accuracy Drift w/Temp.
Maximum Offset
PPM/°C
+/- 150
+/- 150
Maximum Gain (0 to 60°C)
PPM/°C
+/- 150
+/- 150
Serial Data Format
12-bit packet
12-bit packet
Step Response Time2
mS
2.5
2.5
Input Resistance
Mohm
1
1
Input Voltage Range
Vac
28 to 140
28 to 280
Logic Voltage Range
Vdc
4.5-5.5
4.5-5.5
Maximum Logic Supply Current
@ 5V dc
mA/Ch.
150
150
Isolation Voltage
Field to Logic
Vrms
2500
2500
Field to Power
Vrms
2500
2500
Module to Module
Vrms
2500
2500
Environmental Conditions
Operating Temperature3
° C
0 to 60
0 to 60
Storage Temperature
° C
-25 to 85
-25 to 85
1 Includes offset, gain, non-linearity and repeatability error terms.
2 Time required for output frequency to change to within 1% of final reading.
Analog Voltage Input Modules
SPECIFICATIONS: By Part Number
I/O
29


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn