Moteur de recherche de fiches techniques de composants électroniques |
|
W02MG Fiches technique(PDF) 1 Page - HY ELECTRONIC CORP. |
|
W02MG Fiches technique(HTML) 1 Page - HY ELECTRONIC CORP. |
1 / 2 page FEATURES ●Surge overload rating -50 amperes peak ●Ldeal for printed circuit board ●Reliable low cost construction utilizong molded plastic technique results in expensive product ●Mounting Position :Any MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% CHARACTERISTICS W005G W01G W02G W04G W06G W08G W10G W005MG W01MG W02MG W04MG W06MG W08MG W10MG Maximum Recurrent Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS Voltage VRMS 35 70 140 280 420 560 700 V Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 V Maximum Average Forward Rectified Current @TA=25℃ Peak Forward Surage Current ,8.3m Single 8.3ms Single Half Sine-Wave Super Imposed on Rated Load I 2t Rating for Fusing (t<8.3ms) I 2t A 2t Maximum Forward Voltage Drop Per Element at 1.5A Peak Maximum Reverse Current at Rated TA=25℃ uA DC Blocking Voltage Per Element TA=100℃ mA Operating Temperature Range TJ TJ ℃ Storage Temperature Range TA TSTG ℃ REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 1.5 Amperes I(AV) 1.5 WO...G/WOM...G SERIES GLASS PASSIVATED BRIDGE RECTIFIERS 5.0 50 Dimensions in inches and (millimeters) IFSM A SYMBOL UNIT A ~ 245 ~ 10.0 1.0 1.1 V VF -55 to +150 IR -55 to +150 WOB .180(4.6) .220(5.6) SPACING .350(8.9) .366(9.3) .220(5.6) .200(5.1) MIN (27.9) 1.1 1.0 (25.4) MIN .180(4.6) .220(5.6) .032(0.81) .028(0.71) POS. LEAD WOBM .386(9.8) .354(9.0) .181(4.6) .150(3.8) 1.1 (27.9) MIN MIN (25.4) 1.0 .032(0.81) .028(0.71) .220(5.6) .180(4.6) POS. LEAD SPACING .220(5.6) .180(4.6) |
Numéro de pièce similaire - W02MG |
|
Description similaire - W02MG |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |