Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VHCU04MTC Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74VHCU04MTC
Description  Hex Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCU04MTC Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74VHCU04MTC Datasheet HTML 1Page - Fairchild Semiconductor 74VHCU04MTC Datasheet HTML 2Page - Fairchild Semiconductor 74VHCU04MTC Datasheet HTML 3Page - Fairchild Semiconductor 74VHCU04MTC Datasheet HTML 4Page - Fairchild Semiconductor 74VHCU04MTC Datasheet HTML 5Page - Fairchild Semiconductor 74VHCU04MTC Datasheet HTML 6Page - Fairchild Semiconductor 74VHCU04MTC Datasheet HTML 7Page - Fairchild Semiconductor 74VHCU04MTC Datasheet HTML 8Page - Fairchild Semiconductor 74VHCU04MTC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCU04 Rev. 1.4.0
4
DC Electrical Characteristics
Noise Characteristics
Note:
2. Parameter guaranteed by design.
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C to
+85°C
Units
Min.
Typ.
Max.
Min.
Max.
VIH
HIGH Level Input
Voltage
2.0
1.70
1.70
V
3.0–5.5
0.8 x VCC
0.8 x VCC
VIL
LOW Level Input
Voltage
2.0
0.30
0.30
V
3.0–5.5
0.2 x VCC
0.2 x VCC
VOH
HIGH Level
Output Voltage
2.0
VIN = VIL
IOH = –50µA
1.8
2.0
1.8
V
3.0
2.7
3.0
2.7
4.5
4.0
4.5
4.0
3.0
VIN = GND IOH = –4mA
2.58
2.48
4.5
IOH = –8mA
3.94
3.80
VOL
LOW Level
Output Voltage
2.0
VIN = VIH
IOL = 50µA
0.0
0.2
0.2
V
3.0
0.0
0.3
0.3
4.5
0.0
0.5
0.5
3.0
VIN = VCC
IOL = 4mA
0.36
0.44
4.5
IOL = 8mA
0.36
0.44
IIN
Input Leakage
Current
0–5.5
VIN = 5.5V or GND
±0.1
±1.0
µA
ICC
Quiescent
Supply Current
5.5
VIN = VCC or GND
2.0
20.0
µA
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
Units
Typ.
Limits
VOLP
(2)
Quiet Output Maximum
Dynamic VOL
5.0
CL = 50pF
0.5
0.8
V
VOLV
(2)
Quiet Output Minimum
Dynamic VOL
5.0
CL = 50pF
–0.5
–0.8
V
VIHD
(2)
Minimum HIGH Level
Dynamic Input Voltage
5.0
CL = 50pF
4.0
V
VILD
(2)
Maximum LOW Level
Dynamic Input Voltage
5.0
CL = 50pF
1.0
V


Numéro de pièce similaire - 74VHCU04MTC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VHCU04MTC FAIRCHILD-74VHCU04MTC Datasheet
75Kb / 8P
   Hex Inverter
logo
ON Semiconductor
74VHCU04MTC ONSEMI-74VHCU04MTC Datasheet
222Kb / 9P
   Hex Inverter
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74VHCU04MTCX FAIRCHILD-74VHCU04MTCX Datasheet
75Kb / 8P
   Hex Inverter
74VHCU04MTCX_NL FAIRCHILD-74VHCU04MTCX_NL Datasheet
75Kb / 8P
   Hex Inverter
More results

Description similaire - 74VHCU04MTC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com