Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM-HRR18-XXX Datasheet(Fiches technique) 5 Page - rfsolutions.ltd

Numéro de pièce AM-HRR18-XXX
Description  AM SUPER REGENERATIVE RECEIVERS
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  RFSOLUTIONS [rfsolutions.ltd]
Site Internet  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

AM-HRR18-XXX Datasheet(HTML) 5 Page - rfsolutions.ltd

  AM-HRR18-XXX Datenblatt HTML 1Page - rfsolutions.ltd AM-HRR18-XXX Datenblatt HTML 2Page - rfsolutions.ltd AM-HRR18-XXX Datenblatt HTML 3Page - rfsolutions.ltd AM-HRR18-XXX Datenblatt HTML 4Page - rfsolutions.ltd AM-HRR18-XXX Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DS016-13
August 06
©2006 Reg No 277 4001, England
Page 5
AM SUPER REGENERATIVE RECEIVERS.
AM-HRRN-XXX
AM -HRFn
Products From 250-450MHz
1 2 3
10
15
7
AM -HRR13-868
868MHz Products
3 4
11
15
5
7
9
4
3
RF600D
17
14
13
12
11
10
2
1
18
OP3
OP4
GND
ECLK
IN
OP1
Vcc
Sleep
LKIN
SD1
LRN
OP2
LB
Vcc
1K
1K
Learn
Switch
Option
Link
Serial Data
Output
Vcc
O/P 1
O/P 2
O/P 3
O/P 4
Transmitter
Low Battery
Status
LED
22K
L
M
15K
5
7
9
4
3
RF600D
17
14
13
12
11
10
2
1
18
OP3
OP4
GND
ECLK
IN
OP1
Vcc
Sleep
LKIN
SD1
LRN
OP2
LB
Vcc
1K
1K
Learn
Switch
Option
Link
Serial Data
Output
Vcc
O/P 1
O/P 2
O/P 3
O/P 4
Transmitter
Low Battery
Status
LED
22K
L
M
15K
NOTE: For versions without PIN 10 all other connections are the same.
Application Circuits
For further information on this circuit please see datasheet DS600
Should you require further assistance, please call:
R. F. Solutions Ltd,
Unit 21, Cliffe Industrial Estate,
South Street, Lewes,
E Sussex, BN8 6JL. England.
Tel +44 (0)1273 898 000.
Fax +44 (0)1273 480 661.
Web Site http://www.rfsolutions.co.uk
Email sales@rfsolutions.co.uk
RF Solutions is a member of the Low Power Radio Association.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn