Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM-HRR10-XXX Datasheet(Fiches technique) 4 Page - rfsolutions.ltd

Numéro de pièce AM-HRR10-XXX
Description  AM SUPER REGENERATIVE RECEIVERS
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  RFSOLUTIONS [rfsolutions.ltd]
Site Internet  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

AM-HRR10-XXX Datasheet(HTML) 4 Page - rfsolutions.ltd

  AM-HRR10-XXX Datenblatt HTML 1Page - rfsolutions.ltd AM-HRR10-XXX Datenblatt HTML 2Page - rfsolutions.ltd AM-HRR10-XXX Datenblatt HTML 3Page - rfsolutions.ltd AM-HRR10-XXX Datasheet HTML 4Page - rfsolutions.ltd AM-HRR10-XXX Datenblatt HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS016-13
August 06
©2006 Reg No 277 4001, England
Page 4
AM SUPER REGENERATIVE RECEIVERS.
AM-HRRN-XXX
868MHz Products
The following modules are available from stock as 868MHz
Part Number
868
Description
AM-HRR13-868
Low Power Receiver (0.5mA)
AM-HRR13-868
Pin Description
Pin No
Pin Name
3
DATA IN (Ant)
4
GND
11
AF GND
12
NC
13
TEST POINT
14
DATA OUT
15
AF +VCC
AM-HRR13-868 Electrical Characteristics
Ambient temperature
= 25
o Celsius.
ELECTRICAL CHARACTERISTICS
MIN
TYPICAL
MAX
DIMENSION
Storage Temperature Range
-30
+85
o C
Operating Temperature Range
-25
+85
o C
Operating Frequency
868.350
MHz
Tuning Tolerance
±0.2
±0.5
MHz
Supply Voltage
4.5
5
5.5
V
Supply Current
0.5
mA
Data Rate
50
4800
bits/Sec
Time from Power on to Valid Output Signal
100
mSecs
R.F Sensitivity 100% AM
-90
dBm
-3dB Bandwidth
+/- 2
MHz
Conducted Spurious Emissions
-60
dBm
High Level Output Voltage
3.5
V
Low Level Output Voltage
0.25
V
Component Side
34
33.02mm
12.7mm
2.54mm
11
15
Notes
Pins on 0.1" pitch
Pin Dims :0.25 x 0.50mm
4mm


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn