Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM-HRRN-XXX Datasheet(Fiches technique) 3 Page - rfsolutions.ltd

Numéro de pièce AM-HRRN-XXX
Description  AM SUPER REGENERATIVE RECEIVERS
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  RFSOLUTIONS [rfsolutions.ltd]
Site Internet  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

AM-HRRN-XXX Datasheet(HTML) 3 Page - rfsolutions.ltd

  AM-HRRN-XXX Datenblatt HTML 1Page - rfsolutions.ltd AM-HRRN-XXX Datenblatt HTML 2Page - rfsolutions.ltd AM-HRRN-XXX Datasheet HTML 3Page - rfsolutions.ltd AM-HRRN-XXX Datenblatt HTML 4Page - rfsolutions.ltd AM-HRRN-XXX Datenblatt HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DS016-13
August 06
2006 Reg No 277 4001, England
Page 3
AM SUPER REGENERATIVE RECEIVERS.
AM-HRRN-XXX
Pin Description
Electrical Characteristics (Applies to all variants below)
Ambient temperature
= 25
o Celsius.
Electrical Characteristics
Min
Typ
Max
Dimension
Storage Temperature Range
-30
+85
o C
Operating Temperature Range
-25
+80
o C
Tuning Tolerance
+/- 0.2
+/- 0.5
MHz
Working Frequency Range
200
450
MHz
Level of Emitted Spectrum
-65
-60
dBm
Output Voltage @ 1mA sink
0.6
V
Data Output Current (AM-HRR3-XXX @3.6V)
10
mA
Characteristics for AM-HRR3-xxx, AM-HRR6-xxx & AM-HRR8-xxx
AM-HRR3-xxx
AM-HRR6-xxx
AM-HRR8-xxx
Electrical Characteristics
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Supply Voltage
4.5
5
5.5
4.5
5
5.5
2.7
3
3.3
V
Supply Current
2.5
3
0.5
0.5
mA
Time from Power on to
Valid Output Signal
1200
150
150
mS
R.F Sensitivity 100% AM
-100
-105
-95
-90
dBm
-3dB Bandwidth
+/- 2
+/- 3
+/- 2
+/- 3
+/- 2
+/- 3
MHz
Data Rate
50
2000
50
2000
50
2000
Hz
High Level Output Voltage
4.5
4.5
4.5
V
Characteristics for AM-HRR10-xxx and AM-HRR11-xxx
AM-HRR10-xxx
AM-HRR11-xxx
Electrical Characteristics
Min
Typ
Max
Min
Typ
Max
Units
Supply Voltage
4.5
5
5.5
4.5
5
5.5
V
Supply Current
1.7
0.3
mA
Time from Power on to
Valid Output Signal
150
100
150
mS
R.F Sensitivity 100% AM
-102
-95
dBm
-3dB Bandwidth
+/- 1.5
+/- 2
-/- 2
+/- 3
MHz
Data Rate
50
2000
2000
Hz
High Level Output Voltage
4.5
3.6
V
Low Level Output Voltage
0.5
0.6
V
Characteristics for AM-HRR16-xxx/s and AM-HRR18-xxx CHARACTERISTICS MIN TYP
MAX UNIT
AM-HRR16-xxx
AM-HRR18-xxx
Electrical Characteristics
Min
Typ
Max
Min
Typ
Max
Units
Supply Voltage
4.5
5
5.5
2.75
3
3.25
V
Supply Current
4
0.07
mA
Time from Power on to
Valid Output Signal
2,000
mS
R.F Sensitivity 100% AM
-98
+/-250
+/-300
-94
dBm
-3dB Bandwidth
-102
0.6
MHz
Data Rate
3600
4800
9600
2,000
3,000
Hz
High Level Output Voltage
4.5
4.5
V
Low Level Output Voltage
0.5
0.5
V
Pin No
Pin Name
Notes
1
RF +Vcc
2, 7
RF GND
3
DATA IN (Ant)
10, 12, 15
AF +VCC
Can be ignored on versions without pin 10
11
AF GND
13
TEST POINT
14
DATA OUT


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn