Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD1644ALFIVP-4 Fiches technique(PDF) 14 Page - NXP Semiconductors

No de pièce TD1644ALFIVP-4
Description  Tuner module for digital terrestrial (OFDM) applications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TD1644ALFIVP-4 Fiches technique(HTML) 14 Page - NXP Semiconductors

Back Button TD1644ALFIVP-4 Datasheet HTML 10Page - NXP Semiconductors TD1644ALFIVP-4 Datasheet HTML 11Page - NXP Semiconductors TD1644ALFIVP-4 Datasheet HTML 12Page - NXP Semiconductors TD1644ALFIVP-4 Datasheet HTML 13Page - NXP Semiconductors TD1644ALFIVP-4 Datasheet HTML 14Page - NXP Semiconductors TD1644ALFIVP-4 Datasheet HTML 15Page - NXP Semiconductors TD1644ALFIVP-4 Datasheet HTML 16Page - NXP Semiconductors TD1644ALFIVP-4 Datasheet HTML 17Page - NXP Semiconductors TD1644ALFIVP-4 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
NXP Semiconductors
TD1600ALF-4
Tuner module for digital terrestrial (OFDM) applications
TD1600ALF-4
© NXP B.V. 2006. All rights reserved.
Preliminary data sheet
Rev.c — 23-04-2007
14 of 27
Low band: >160MHz(*)
1
1
0
410
Mid band: >420MHz(*)
1
1
1
600
High band: >830MHz (*)
(*) oscillator frequencies
Table 14.
SP5 ……SP1 Band and SAW-filter selection table
Band
SP5
SP4
SP3
SP2
SP1
Low – band
0
X
0
0
0
Mid – band
0
X
0
1
0
High – band
0
X
1
0
0
7 MHz SAW filter
0
0
X
X
X
8 MHz SAW filter
0
1
X
X
X
Table 15.
I
2C-bus data format, ' READ ' - mode
Description
7
6
5
4
3
2
1
0
ACK
Address byte
1
1
0
0
0
CA1
CA0
R/W=1 A
Status byte
POR
FL
0
1
AGC
1
0
0
A
A : Acknowledge
CA1 / CA0 = chip address (see address selection table)
POR= power-on-reset-flag ; POR = 1 after power-on
FL= in-lock-flag ; FL = 1 when PLL is phase locked
AGC= internal AGC flag ; AGC = 1 when internal AGC is active


Numéro de pièce similaire - TD1644ALFIVP-4

FabricantNo de pièceFiches techniqueDescription
logo
TECHCODE SEMICONDUCTOR,...
TD1609 TECHCODE-TD1609 Datasheet
486Kb / 11P
   1.6A 150KHz PWM Buck DC/DC Converter
logo
eupec GmbH
TD162N EUPEC-TD162N Datasheet
416Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TD162N16KOF INFINEON-TD162N16KOF Datasheet
416Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
04.07.02 revision:1
More results

Description similaire - TD1644ALFIVP-4

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
MN88441 PANASONIC-MN88441 Datasheet
59Kb / 5P
   OFDM Demodulation LSI for Digital Terrestrial Broadcasting in Japan
logo
Silicon Laboratories
SI2124 SILABS-SI2124 Datasheet
86Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
logo
Skyworks Solutions Inc.
SI2124 SKYWORKS-SI2124 Datasheet
190Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
August 9, 2021
logo
NXP Semiconductors
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18214 NXP-TDA18214 Datasheet
226Kb / 8P
   Silicon tuner for digital terrestrial and cable TV reception
Rev. 1-13 July 2012
logo
Advanced Crystal Techno...
ACTX2748D ACT-ACTX2748D Datasheet
92Kb / 4P
   Bandpass Filter for Digital Terrestrial TV Applications
SEPT 04
ACTX3142D ACT-ACTX3142D Datasheet
97Kb / 3P
   Bandpass Filter for Digital Terrestrial TV Applications
SEPT 04
logo
STMicroelectronics
TDA7546 STMICROELECTRONICS-TDA7546 Datasheet
950Kb / 68P
   Multichip module for TMC tuner applications
logo
NXP Semiconductors
TDA18273HN NXP-TDA18273HN_11 Datasheet
102Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 3-10 May 2011
TDA18273HN NXP-TDA18273HN Datasheet
84Kb / 8P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-15 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com