Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TD1611ALFIVP-4 Datasheet(Fiches technique) 5 Page - NXP Semiconductors

Numéro de pièce TD1611ALFIVP-4
Description  Tuner module for digital terrestrial (OFDM) applications
Télécharger  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TD1611ALFIVP-4 Datasheet(HTML) 5 Page - NXP Semiconductors

  TD1611ALFIVP-4 Datenblatt HTML 1Page - NXP Semiconductors TD1611ALFIVP-4 Datenblatt HTML 2Page - NXP Semiconductors TD1611ALFIVP-4 Datenblatt HTML 3Page - NXP Semiconductors TD1611ALFIVP-4 Datenblatt HTML 4Page - NXP Semiconductors TD1611ALFIVP-4 Datasheet HTML 5Page - NXP Semiconductors TD1611ALFIVP-4 Datenblatt HTML 6Page - NXP Semiconductors TD1611ALFIVP-4 Datenblatt HTML 7Page - NXP Semiconductors TD1611ALFIVP-4 Datenblatt HTML 8Page - NXP Semiconductors TD1611ALFIVP-4 Datenblatt HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
NXP Semiconductors
TD1600ALF-4
Tuner module for digital terrestrial (OFDM) applications
TD1600ALF-4
© NXP B.V. 2006. All rights reserved.
Preliminary data sheet
Rev.c — 23-04-2007
5 of 27
5.
Pinning information
5.1 Pinning
Fig 2.
Pinning diagram
5.2 Pin description
Table 3.
Pin description
Table description (optional)
Pin
Description
1
DC-power option for tuners with P-extension
[1]
2
External RF-gain control voltage (0.5V - 4.0V)
[2]
3
PLL chip address select (I
2C / tuner) [3]
4
SCL (I
2C / tuner)
5
SDA (I
2C / tuner)
6
4MHz reference frequency output
[4]
7
+5V
± 5% supply tuner (V
TU)
8
'broadband' IF – output
[4]
9
IF-gain control voltage
[5]
10
'narrowband' IF – output 1
[4]
11
'narrowband' IF – output 2
[4]
[1]
Max. permissible current: 35mA
[2]
Max. permissible control voltage source impedance limited to 200ohms (see application notes)
[3]
see application notes
[4]
AC coupled
[5]
max. gain at 3V,min. gain at 0V (see application notes)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27