Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TD1611ALFIVP-4 Datasheet(Fiches technique) 2 Page - NXP Semiconductors

Numéro de pièce TD1611ALFIVP-4
Description  Tuner module for digital terrestrial (OFDM) applications
Télécharger  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TD1611ALFIVP-4 Datasheet(HTML) 2 Page - NXP Semiconductors

  TD1611ALFIVP-4 Datenblatt HTML 1Page - NXP Semiconductors TD1611ALFIVP-4 Datasheet HTML 2Page - NXP Semiconductors TD1611ALFIVP-4 Datenblatt HTML 3Page - NXP Semiconductors TD1611ALFIVP-4 Datenblatt HTML 4Page - NXP Semiconductors TD1611ALFIVP-4 Datenblatt HTML 5Page - NXP Semiconductors TD1611ALFIVP-4 Datenblatt HTML 6Page - NXP Semiconductors TD1611ALFIVP-4 Datenblatt HTML 7Page - NXP Semiconductors TD1611ALFIVP-4 Datenblatt HTML 8Page - NXP Semiconductors TD1611ALFIVP-4 Datenblatt HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
NXP Semiconductors
TD1600ALF-4
Tuner module for digital terrestrial (OFDM) applications
TD1600ALF-4
© NXP B.V. 2006. All rights reserved.
Preliminary data sheet
Rev.c — 23-04-2007
2 of 27
Table 1.
Frequency allocation table
Parameter
TD1611ALF-4/ TD1311ALF-4
TD1344ALF-4
174 MHz – 230 MHz
RF frequency range
474 MHz – 858 MHz
(*)
474 MHz – 858 MHz
(*)
Channel bandwidth
7/8MHz
8 MHz
RF-loopthrough range
ch E2 - ch E69
ch E2 - ch E69
IF-center frequency
36.16 MHz
36.16 MHz
RF input connector
IEC female
IEC female
RF output connector
IEC male
IEC male
(*) data refer to RF-channel center frequency.
2.
Features
Highly integrated RF-module, 3-band tuner plus active loopthrough
+5V supply voltage only; no external tuning voltage required
Tuners for horizontal and vertical mounting available
Option with DC – power output through input connector (e.g. indoor antenna supply)
Tuners comply with relevant CENELEC standards with regard to requirements
concerning signal handling capability and immunity
Superior low noise and high sensitivity performance
RF-in to RF-out loopthrough amplifiers
Low noise and excellent linearity
Full VHF to UHF frequency range coverage
Standard connectors for in- and output e.g. IEC, F-connector, RCA
High performance and cost effective single conversion tuner
I2C programmable
400kHz Bus compliant
Fast PLL tuning speed (programmable step size e.g. 62.5kHz and 166.67kHz)
Tuner internal gain control loop with selectable TakeOverPoint settings via I2C Bus
External gain control possible with internal loop disabled
4.0V (max. gain) to 0V (min. gain) gain control voltage
Flat overall frequency response
High PLL loop bandwidth which ensures very low oscillator phase noise
4 MHz crystal reference frequency output
SAW-filter and IF-amplifier included
Switchable 7/8 MHz SAW filter
Fixed 8 MHZ SAW filter
IF-amplification controllable over a wide range


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27