Moteur de recherche de fiches techniques de composants électroniques |
|
S-1131B36PD-N4VTFG Fiches technique(PDF) 5 Page - Seiko Instruments Inc |
|
S-1131B36PD-N4VTFG Fiches technique(HTML) 5 Page - Seiko Instruments Inc |
5 / 29 page HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR Rev.3.0_01 S-1131 Series Seiko Instruments Inc. 5 Pin Configuration Table 2 Pin No. Symbol Description 1 VOUT Output voltage pin 2 VSS GND pin 3 VIN Input voltage pin 1 3 2 SOT-89-3 Top view Figure 3 Table 3 Pin No. Symbol Description 1 VOUT Output voltage pin 2 VSS GND pin 3 NC *1 No connection 4 ON/OFF Shutdown pin 5 VIN Input voltage pin *1. The NC pin is electrically open. The NC pin can be connected to VIN or VSS. 5 4 1 3 2 SOT-89-5 Top view Figure 4 |
Numéro de pièce similaire - S-1131B36PD-N4VTFG |
|
Description similaire - S-1131B36PD-N4VTFG |