Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

S-75V00ANC Fiches technique(PDF) 45 Page - Seiko Instruments Inc

No de pièce S-75V00ANC
Description  MINI LOGIC SERIES 2 INPUT NAND GATE
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SII [Seiko Instruments Inc]
Site Internet  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-75V00ANC Fiches technique(HTML) 45 Page - Seiko Instruments Inc

Back Button S-75V00ANC Datasheet HTML 41Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 42Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 43Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 44Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 45Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 46Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 47Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 48Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 49Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
Rev.2.2_00
MINI LOGIC SERIES
INVERTER (unbuffer)
S-75LU04ANC
Seiko Instruments Inc.
45
The S-75LU04ANC is a single packaged inverter without buffer fabricated
by utilizing advanced silicon-gate CMOS technology which provides the
inherent benefit of CMOS low power consumption to achieve operation by
only a couple of batteries (1 to 3 V).
The S-75LU04ANC is suitable for a wide variety of linear circuits.
Input voltage is allowed to be applied even if power voltage is not supplied
because no diode is inserted between an input pin and VCC.
This allows for interfaces between power supplies of different voltage,
output level conversion from 3 V to 1 V and battery backup applications.
Features
Applications
• Wide power supply range:
1 V to 3.6 V
• Personal computers, peripherals
• Low current consumption:
1.0
µA max. (at 3.6 V, 25°C)
• Cellular phones
• Typical propagation delay: tPD = 6 ns (at 3 V)
• Cameras
• High noise immunity:
VNIH=VNIL=10% VCC min.
• Games
• Power down protection:
All pins
• Very small plastic package: SC-88A
• Lead-free products
Pin Assignment
Marking Specification
Logic Diagram
True Values
A
Y
L
H
H
L
Product code
3
2
1
4
(Top view)
5
5L6
1
NC
IN A
GND
VCC
OUT Y
2
3
4
5
(Top view)
IN A
OUT Y


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MM74HCT00_05 Quad 2 Input NAND Gate 1  2  3  4  5  More Fairchild Semiconductor
TC7SG00FE 2 Input NAND Gate 1  2  3  4  5  More Toshiba Semiconductor
TC7SH00FS 2 Input NAND Gate 1  2  3  4  5  More Toshiba Semiconductor
TC4SU11F_01 2 INPUT NAND GATE 1  2  3  4  5  Toshiba Semiconductor
TC7SG00FU 2 Input NAND Gate 1  2  3  4  5  More Toshiba Semiconductor
CD54HC10_06 High-Speed CMOS Logic Triple 3-Input NAND Gate 1  2  3  4  5  More Texas Instruments
TC7SG02FU 2 Input NOR Gate 1  2  3  4  5  More Toshiba Semiconductor
CD54HC03_07 High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain 1  2  3  4  5  More Texas Instruments

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn