Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

S-75V00ANC Fiches technique(PDF) 30 Page - Seiko Instruments Inc

No de pièce S-75V00ANC
Description  MINI LOGIC SERIES 2 INPUT NAND GATE
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SII [Seiko Instruments Inc]
Site Internet  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-75V00ANC Fiches technique(HTML) 30 Page - Seiko Instruments Inc

Back Button S-75V00ANC Datasheet HTML 26Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 27Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 28Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 29Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 30Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 31Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 32Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 33Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 34Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
MINI LOGIC SERIES EXCLUSIVE OR GATE
S-75V86ANC
Rev.2.2_00
Seiko Instruments Inc.
30
Ordering
Delivery form:
Taping only
Model name:
S-75V86ANC-5V8-TFG
Absolute Maximum Ratings
Ta=25
°C
Item
Symbol
Ratings
Unit
Power Supply Voltage
VCC
-0.5 to +7.0
V
Input Voltage
VIN
-0.5 to +7.0
V
Output Voltage
VOUT
-0.5 to VCC+0.5
V
Input Parasitic Diode Current
IIK
-20
mA
Output Parasitic Diode Current
IOK
±20
mA
Output Current
IOUT
±25
mA
VCC/GND Current
ICC
±50
mA
200 (When not mounted on board)
mW
Power Dissipation
PD
350
*1
mW
Operating Ambient Temperature
Topr
-40 to +85
°C
Storage Temp. Range
Tstg
-65 to +150
°C
Lead Temperature (10 s)
TL
260
°C
*1.
When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name : JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
350
200
0
Ambient Temperature (Ta) [
°C]
100
300
250
150
50
400
Power Dissipation of Package (When Mounted on Board)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MM74HCT00_05 Quad 2 Input NAND Gate 1  2  3  4  5  More Fairchild Semiconductor
TC7SG00FE 2 Input NAND Gate 1  2  3  4  5  More Toshiba Semiconductor
TC7SH00FS 2 Input NAND Gate 1  2  3  4  5  More Toshiba Semiconductor
TC4SU11F_01 2 INPUT NAND GATE 1  2  3  4  5  Toshiba Semiconductor
TC7SG00FU 2 Input NAND Gate 1  2  3  4  5  More Toshiba Semiconductor
CD54HC10_06 High-Speed CMOS Logic Triple 3-Input NAND Gate 1  2  3  4  5  More Texas Instruments
TC7SG02FU 2 Input NOR Gate 1  2  3  4  5  More Toshiba Semiconductor
CD54HC03_07 High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain 1  2  3  4  5  More Texas Instruments

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn