Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

S-75V00ANC Fiches technique(PDF) 28 Page - Seiko Instruments Inc

No de pièce S-75V00ANC
Description  MINI LOGIC SERIES 2 INPUT NAND GATE
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SII [Seiko Instruments Inc]
Site Internet  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-75V00ANC Fiches technique(HTML) 28 Page - Seiko Instruments Inc

Back Button S-75V00ANC Datasheet HTML 24Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 25Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 26Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 27Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 28Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 29Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 30Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 31Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 32Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
MINI LOGIC SERIES 2 INPUT OR GATE
S-75V32ANC
Rev.2.2_00
Seiko Instruments Inc.
28
AC Characteristics
Input
tr = tf = 3 ns (unless otherwise specified)
Parameter
Symbol
Measurement Conditions
Ta=25
°C
Ta=-40 to 85
°CUnit
VCC(V)
CL(pF)
MIN.
TYP.
MAX.
MIN.
MAX.
3.3
±0.3
15
5.5
7.9
1.0
9.5
tPLH,
50
10.0
14.0
1.0
15.0
tPHL
5.0
±0.5
15
3.8
5.5
1.0
6.5
Propagation Delay Time
50
6.1
8.5
1.0
9.0
ns
Input Capacitance
CIN
4
10
10
pF
Equiv. Int. Capacitance
CPD
*1
15
pF
*1.
CPD is the no-load equivalent capacitance inside the circuitry. Refer to the measurement circuit shown
below.
Current consumption is averaged by the following equation.
ICC(opr)=CPD VCC fin+ICC
Measurement Circuit
VIN
CL
50
VOUT
PG
tPLH
50%
50%
10%
90%
tPHL
3 ns
VIN
VOUT
3 ns
GND
VCC
VOL
VOH
50%
Remark
No-load output during measurement of current consumption.
Input Pin Equivalent Circuit
Input pin


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MM74HCT00_05 Quad 2 Input NAND Gate 1  2  3  4  5  More Fairchild Semiconductor
TC7SG00FE 2 Input NAND Gate 1  2  3  4  5  More Toshiba Semiconductor
TC7SH00FS 2 Input NAND Gate 1  2  3  4  5  More Toshiba Semiconductor
TC4SU11F_01 2 INPUT NAND GATE 1  2  3  4  5  Toshiba Semiconductor
TC7SG00FU 2 Input NAND Gate 1  2  3  4  5  More Toshiba Semiconductor
CD54HC10_06 High-Speed CMOS Logic Triple 3-Input NAND Gate 1  2  3  4  5  More Texas Instruments
TC7SG02FU 2 Input NOR Gate 1  2  3  4  5  More Toshiba Semiconductor
CD54HC03_07 High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain 1  2  3  4  5  More Texas Instruments

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn