Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

S-75V00ANC Fiches technique(PDF) 23 Page - Seiko Instruments Inc

No de pièce S-75V00ANC
Description  MINI LOGIC SERIES 2 INPUT NAND GATE
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SII [Seiko Instruments Inc]
Site Internet  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-75V00ANC Fiches technique(HTML) 23 Page - Seiko Instruments Inc

Back Button S-75V00ANC Datasheet HTML 19Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 20Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 21Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 22Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 23Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 24Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 25Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 26Page - Seiko Instruments Inc S-75V00ANC Datasheet HTML 27Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
MINI LOGIC SERIES SCHMITT INVERTER
Rev.2.2_00
S-75V14ANC
Seiko Instruments Inc.
23
Recommended Operating Conditions
Parameter
Symbol
Standard
Unit
Power Voltage
VCC
2 to 5.5
V
Input Voltage
VIN
0 to 5.5
V
Output Voltage
VOUT
0 to VCC
V
DC Characteristics
Parameter
Symbol
Conditions
Ta=25
°C
Ta=-40 to 85
°C
Unit
VCC
MIN.
TYP.
MAX.
MIN.
MAX.
3.0
2.20
2.20
"H" level
VP
4.5
3.15
3.15
Threshold
5.5
3.85
3.85
V
Voltage
3.0
0.90
0.90
"L" level
VN
4.5
1.35
1.35
5.5
1.65
1.65
3.0
0.30
1.20
0.30
1.20
Hysteresis
VH
4.5
0.40
1.40
0.40
1.40
V
5.5
0.5
1.60
0.5
1.60
2.0
1.9
2.0
1.9
IOH=-50
µA
3.0
2.9
3.0
2.9
"H" level
VOH
VIN=VIL
4.5
4.4
4.5
4.4
IOH=-4 mA
3.0
2.58
2.48
Output
IOH=-8 mA
4.5
3.94
3.80
V
Voltage
2.0
0
0.1
0.1
IOL=50
µA
3.0
0
0.1
0.1
"L" level
VOL
VIN=VIH
4.5
0
0.1
0.1
IOL=4 mA
3.0
0.36
0.44
IOL=8 mA
4.5
0.36
0.44
Input Current
IIN
VIN=5.5 V or GND
0 to 5.5
±0.1
±1.0
µA
Current Consump.
ICC
VIN=VCC or GND
5.5
1.0
10.0
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MM74HCT00_05 Quad 2 Input NAND Gate 1  2  3  4  5  More Fairchild Semiconductor
TC7SG00FE 2 Input NAND Gate 1  2  3  4  5  More Toshiba Semiconductor
TC7SH00FS 2 Input NAND Gate 1  2  3  4  5  More Toshiba Semiconductor
TC4SU11F_01 2 INPUT NAND GATE 1  2  3  4  5  Toshiba Semiconductor
TC7SG00FU 2 Input NAND Gate 1  2  3  4  5  More Toshiba Semiconductor
CD54HC10_06 High-Speed CMOS Logic Triple 3-Input NAND Gate 1  2  3  4  5  More Texas Instruments
TC7SG02FU 2 Input NOR Gate 1  2  3  4  5  More Toshiba Semiconductor
CD54HC03_07 High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain 1  2  3  4  5  More Texas Instruments

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn