Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA201 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce BTA201
Description  1 A Three-quadrant triacs high commutation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA201 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button BTA201 Datasheet HTML 2Page - NXP Semiconductors BTA201 Datasheet HTML 3Page - NXP Semiconductors BTA201 Datasheet HTML 4Page - NXP Semiconductors BTA201 Datasheet HTML 5Page - NXP Semiconductors BTA201 Datasheet HTML 6Page - NXP Semiconductors BTA201 Datasheet HTML 7Page - NXP Semiconductors BTA201 Datasheet HTML 8Page - NXP Semiconductors BTA201 Datasheet HTML 9Page - NXP Semiconductors BTA201 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BTA201_SER_B_E_ER_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 February 2008
6 of 12
NXP Semiconductors
BTA201 series B, E and ER
1 A Three-quadrant triacs high commutation
6.
Static characteristics
Table 5.
Static characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
BTA201-600B
BTA201-800B
BTA201-600E
BTA201-800E
BTA201-800ER
Unit
Min
Typ
Max
Min
Typ
Max
IGT
gate trigger current
VD = 12 V; IT = 0.1 A; see Figure 8
T2+ G+
5
-
50
1
-
10
mA
T2+ G
5
-
50
1
-
10
mA
T2
− G−
5
-
50
1
-
10
mA
IL
latching current
VD =12V;IGT = 0.1 A; see Figure 10
T2+ G+
-
-
30
-
-
12
mA
T2+ G
--50
--20
mA
T2
− G−
--30
--12
mA
IH
holding current
VD =12V;IGT = 0.1 A; see Figure 11
--30
--12
mA
VT
on-state voltage
IT = 1.4 A; see Figure 9
-
1.2
1.5
-
1.2
1.5
V
VGT
gate trigger voltage
VD = 12 V; IT = 0.1 A; see Figure 7
-
0.7
1.5
-
0.7
1.5
V
VD = 400 V; IT = 0.1 A; Tj = 125 °C
0.2
0.3
-
0.2
0.3
-
V
ID
off-state current
VD =VDRM(max); Tj = 125 °C
-
0.1
0.5
-
0.1
0.5
mA


Numéro de pièce similaire - BTA201

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BTA201 PHILIPS-BTA201 Datasheet
72Kb / 12P
   Triacs logic level
Rev. 02-13 January 2006
BTA201 NXP-BTA201 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
BTA201-600B PHILIPS-BTA201-600B Datasheet
72Kb / 12P
   Triacs logic level
Rev. 02-13 January 2006
BTA201-600B NXP-BTA201-600B Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
logo
WeEn Semiconductors
BTA201-600B WEEN-BTA201-600B Datasheet
267Kb / 13P
   3Q Hi-Com Triac
More results

Description similaire - BTA201

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BTA201 NXP-BTA201 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
BTA201W NXP-BTA201W Datasheet
80Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 02-17 September 2007
BTA201W NXP-BTA201W_08 Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com